Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6412CUFPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6412CUFPBF Datasheet HTML 1Page - Linear Technology LTC6412CUFPBF Datasheet HTML 2Page - Linear Technology LTC6412CUFPBF Datasheet HTML 3Page - Linear Technology LTC6412CUFPBF Datasheet HTML 4Page - Linear Technology LTC6412CUFPBF Datasheet HTML 5Page - Linear Technology LTC6412CUFPBF Datasheet HTML 6Page - Linear Technology LTC6412CUFPBF Datasheet HTML 7Page - Linear Technology LTC6412CUFPBF Datasheet HTML 8Page - Linear Technology LTC6412CUFPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC6412
1
6412f
TYPICAL APPLICATION
DESCRIPTION
800MHz, 31dB Range
Analog-Controlled VGA
The LTC
®6412 is a fully differential variable gain amplifier
with linear-in-dB analog gain control. It is designed for
AC-coupled operation in IF receiver chains from 1MHz
to 500MHz. The part has a constant OIP3 across a wide
output amplitude range and across the 31dB gain control
range. The output noise (NF + Gain) is also flat versus gain
to provide a uniform spurious-free dynamic range (SFDR)
>120dB over the full gain control range at 240MHz.
The LTC6412 is ideal for interfacing with the LT
®5527 and
LT5557 downconverting mixers, LTC6410-6 IF amplifier
and the LTC6400/LTC6401/LTC6416 ADC drivers for use
in 12-, 14-, and 16-bit ADC applications.
The LTC6412 recovers quickly from an overdrive condition,
and the EN pin allows for a fast output signal disable to
protect sensitive downstream components. Asserting the
SHDN pin reduces the current consumption below 1mA
for power-down or sleep modes.
3.3V Fully Differential 240MHz IF Receiver Chain with 31dB Gain Control
FEATURES
APPLICATIONS
n
800MHz –3dB Small-Signal Bandwidth
n
Continuously-Adjustable Gain Control
n
–14dB to +17dB Linear-in-dB Gain Range
n
35dBm OIP3 at 240MHz Across All Gain Settings
n
10dB Noise Figure at Maximum Gain
n
(IIP3 – NF) = +8dBm at 240MHz Across All Gains
n
2.7nV/√Hz Input Referred Noise
n
Differential Inputs and Outputs
n
50Ω Input Impedance Across all Gains
n
Single Supply Operation from 3V to 3.6V
n
110mA Supply Current
n
4mm
× 4mm × 0.75mm 24-Pin QFN Package
n
IF Signal Chain Automatic Gain Control (AGC)
n
2.5G and 3G Cellular Basestation Transceivers
n
WiMAX, WiBro, WLAN Receivers
n
Satellite and GPS Receiver IF
+IN
10nF
0.1μF
BPF
VCM
GND
6412 TA01
VDD
LTC2208
0.1μF
3.3V
1nF
0.1μF
180nH
180nH
3.3V
3.3V
3.3V
+OUT
–OUT
AIN
+
AIN
–
–OUT
+OUT
10nF
10nF
0.1μF
0.1μF
0.1μF
GAIN CONTROL
(+ SLOPE MODE)
IF INPUT
+IN V+
V–
VCM
LTC6400-8
–IN
LTC6412
–IN
2.2μF
VGA Gain vs Frequency
Over Gain Control Range
FREQUENCY (MHz)
–20
–10
0
10
20
1
100
1000
10000
6412 G01
–30
10
GMAX
GMIN
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC6412CUFPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6412CUF#PBF AD-LTC6412CUF#PBF Datasheet
493Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
REV A
LTC6412CUF#TRPBF AD-LTC6412CUF#TRPBF Datasheet
493Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
REV A
More results

Similar Description - LTC6412CUFPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMCORE-T6032 ETC2-EMCORE-T6032 Datasheet
94Kb / 1P
Transmeta Crusoe 800MHz 3.5" Miniboard with VGA/LCD, LAN, USB, PCMCIA
logo
Maxim Integrated Produc...
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
logo
Linear Technology
LTC6412 LINER-LTC6412_15 Datasheet
498Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
logo
Analog Devices
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
Wide Dynamic Range, High Speed, Digitally Controlled VGA
1/15-Rev. B to Rev. C
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
Wide Dynamic Range, High Speed Digitally Controlled VGA
1/2017-Rev. C to Rev. D
logo
Maxim Integrated Produc...
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com