Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6412CUFPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC6412CUFPBF Datasheet HTML 1Page - Linear Technology LTC6412CUFPBF Datasheet HTML 2Page - Linear Technology LTC6412CUFPBF Datasheet HTML 3Page - Linear Technology LTC6412CUFPBF Datasheet HTML 4Page - Linear Technology LTC6412CUFPBF Datasheet HTML 5Page - Linear Technology LTC6412CUFPBF Datasheet HTML 6Page - Linear Technology LTC6412CUFPBF Datasheet HTML 7Page - Linear Technology LTC6412CUFPBF Datasheet HTML 8Page - Linear Technology LTC6412CUFPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC6412
4
6412f
DC ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. DC electrical performance measured using DC test circuit schematic.
VIN(DIFF) is defined as (+IN) – (–IN). VOUT(DIFF) is defined as (+OUT) – (–OUT). VIN(CM) is defined as [(+IN) + (–IN)]/2. VOUT(CM) is
defined as [(+OUT) + (–OUT)]/2. Unless noted otherwise, default operating conditions are VCC = 3.3V, EN = 0.8V, SHDN = 2.2V, +VG tied
to VREF (negative gain slope mode), VOUT(CM) = 3.3V. Differential power gain defined at ZSOURCE = 50Ω differential and ZLOAD = 200Ω
differential.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Pin
VIL(SHDN)
SHDN Input Low Voltage
l
0.8
V
VIH(SHDN)
SHDN Input High Voltage
l
2.2
V
IIL(SHDN)
SHDN Input Low Current
SHDN = 0.8V
l
–60
–30
–1
μA
IIH(SHDN)
SHDN Input High Current
SHDN = 2.2V
l
–30
–15
–1
μA
EN Pin
VIL(EN)
EN Input Low Voltage
l
0.8
V
VIH(EN)
EN Input High Voltage
l
2.2
V
IIL(EN)
EN Input Low Current
EN = 0.8V
l
–60
–30
–1
μA
IIH(EN)
EN Input High Current
EN = 2.2V
l
–30
–15
–1
μA
Power Supply
VS
Operating Supply Range
l
3.0
3.3
3.6
V
IS(TOT)
Total Supply Current
All VCC Pins Plus +OUT and –OUT Pins
l
110
135
140
mA
mA
IS(OUT)
Sum of Supply Current to OUT Pins
IS(OUT) = I+OUT + I–OUT
l
44
55
60
mA
mA
IΔ(OUT)
Delta of Supply Current to OUT Pins
Current Imbalance to +OUT and –OUT
l
0.5
1.5
2.0
mA
mA
IS(SHDN)
Supply Current in Shutdown
IS(OUT) at SHDN = 0.8V
l
0.5
1.3
2.0
mA
mA
PSRRMAX
Power Supply Rejection Ratio at Max Gain
–VG = 0V, Output Referred
40
53
dB
PSRRMIN
Power Supply Rejection Ratio at Min Gain
–VG = 1.2V, Output Referred
40
53
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com