Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6412CUFPBF Datasheet(PDF) 19 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 15Page - Linear Technology LTC6412CUFPBF Datasheet HTML 16Page - Linear Technology LTC6412CUFPBF Datasheet HTML 17Page - Linear Technology LTC6412CUFPBF Datasheet HTML 18Page - Linear Technology LTC6412CUFPBF Datasheet HTML 19Page - Linear Technology LTC6412CUFPBF Datasheet HTML 20Page - Linear Technology LTC6412CUFPBF Datasheet HTML 21Page - Linear Technology LTC6412CUFPBF Datasheet HTML 22Page - Linear Technology LTC6412CUFPBF Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC6412
19
6412f
Figure 3. Demo Board DC1464A Circuit Schematic. Test Circuit A
APPLICATIONS INFORMATION
VCC GND SHDN
LTC6412
EN GND VCC
DECL1
GND
+IN
–IN
VCM
VCM
VCC
VCC
VCC
VCC
GND
1
2
C5
10nF
VCC
VCC
VCC
C2 1000pF
C3 0.1μF
C2 1000pF
C4 0.1μF
C8
10nF
C13
1000pF
C14
0.1μF
C16
1000pF
C22
0.1μF
C15
0.1μF
C11
10nF
C17
0.1μF
CA1
1μF
CB1
4.7μF
NOTE:
[1] DO NOT PLACE
C12
1000pF
C21
0.1μF
+OUT
–OUT
C6
0.1μF
C9
[1]
C20
[1]
C7 0.1μF
VCC
R17
100Ω
T1
1:1
3
1
2
3
5
R7
[1]
R9
0Ω
4
0dB
+IN
–IN
4
5
6
18
24
23
22
21
20
19
78
9
10
11
12
17
16
15
14
13
+OUT
–OUT
GND
DECL2
VCC
GND +VG VREF –VG GND
•
•
VCC
GND
3.00V TO 3.60V
T3
1:1
T4
1:1
13
2
1
4
5
C18 0.1μF
C19 0.1μF
2
3
5
R21
0Ω
4
TEST IN
TEST OUT
6412 F03
•
•
•
•
R15 0Ω
T2
4:1
1
2
3
5
4
R14 [1]
VGAIN
+VG
–VG
R18 [1]
R20
100Ω
R19 0Ω
•
R5
1k
R6
1k
R3
[1]
R1
1k
R4
1k
R2
[1]
VCC
SHDN EN
R22
0Ω
BALUN
T1, T3, T4
T2
PART NUMBER
TYCO MABA-007159
MINI-CIRCUITS TCM4-19+
Figure 9c shows a flux transformer used to achieve a 50Ω
single-ended output. The flux transformer does not provide
the large bandwidth typical of the output transmission-line
transformer shown in Figure 3, but it usually performs
well over smaller bandwidths, especially when tuned
with shunt capacitors (not shown). The flux transformer
design eliminates DC blocking capacitors and is attrac-
tive in rugged applications where the amplifier output
is subjected to ESD events and other forms of transient
electrical overstress that do not pass through a typical
RF flux transformer such as the MABAES0061.
Figure 9d shows a discrete LC balun suitable for bandwidths
of approximately 15% to 30%. Larger bandwidths are
difficult to achieve with the number of components shown,
and smaller bandwidths are often limited by component
tolerance effects. Despite these limitations, the discrete
LC balun can be a cost effective output circuit solution.
At resonance, the tuned circuit produces an impedance
transformation along with the differential-to-single-ended
conversion.
DC Coupled Operation
The LTC6412 is intended for AC-coupled operation. The
translation between the fixed input DC common mode
voltage and higher open-collector output DC bias point
makes it impractical to use in DC-coupled applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com