Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8025MPVPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8025MPVPBF
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025MPVPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8025MPVPBF Datasheet HTML 3Page - Linear Technology LTM8025MPVPBF Datasheet HTML 4Page - Linear Technology LTM8025MPVPBF Datasheet HTML 5Page - Linear Technology LTM8025MPVPBF Datasheet HTML 6Page - Linear Technology LTM8025MPVPBF Datasheet HTML 7Page - Linear Technology LTM8025MPVPBF Datasheet HTML 8Page - Linear Technology LTM8025MPVPBF Datasheet HTML 9Page - Linear Technology LTM8025MPVPBF Datasheet HTML 10Page - Linear Technology LTM8025MPVPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM8025
7
8025f
8025 G31
LOAD CURRENT (mA)
0
5
15
10
45
35
30
25
40
20
0
500
1000 1500 2000 2500 3000 3500
5VIN
12VIN
24VIN
32VIN
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Input Voltage vs Load
Current, –8VOUT
Minimum Input Voltage vs Load
Current, –12VOUT
Minimum Input Voltage vs
Negative VOUT
Junction Temperature Rise vs
Load Current, 2.5VOUT
Junction Temperature Rise vs
Load Current, 3.3VOUT
Junction Temperature Rise vs
Load Current, 5VOUT
Junction Temperature Rise vs
Load Current, 8VOUT
Junction Temperature Rise vs
Load Current, 12VOUT
Junction Temperature Rise vs
Load Current, 18VOUT
8025 G28
LOAD CURRENT (mA)
0
5
10
15
20
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G29
LOAD CURRENT (mA)
0
25
30
20
15
10
5
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G13
1A
2A
3A
OUTPUT VOLTAGE (V)
0
5
25
20
15
10
0
–5
–10
–15
0
500
1000 1500 2000 2500 3000 3500
8025 G32
0
10
60
50
30
40
20
5VIN
12VIN
24VIN
32VIN
LOAD CURRENT (mA)
0
500
1000 1500 2000 2500 3000 3500
8025 G33
LOAD CURRENT (mA)
0
5
15
10
50
45
35
30
25
40
20
12VIN
24VIN
32VIN
8025 G34
LOAD CURRENT (mA)
0
10
80
70
60
50
30
40
20
0
500
1000 1500 2000 2500 3000 3500
12VIN
24VIN
32VIN
TA = 25°C, unless otherwise noted.
8025 G35
LOAD CURRENT (mA)
0
120
100
80
60
40
20
0
500
1000
1500
2000
2500
3000
16VIN
24VIN
32VIN
8025 G36
LOAD CURRENT (mA)
0
100
80
60
40
20
0
500
1000
1500
2000
24VIN
32VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com