Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8025MPVPBF Datasheet(PDF) 15 Page - Linear Technology

Part # LTM8025MPVPBF
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025MPVPBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM8025MPVPBF Datasheet HTML 11Page - Linear Technology LTM8025MPVPBF Datasheet HTML 12Page - Linear Technology LTM8025MPVPBF Datasheet HTML 13Page - Linear Technology LTM8025MPVPBF Datasheet HTML 14Page - Linear Technology LTM8025MPVPBF Datasheet HTML 15Page - Linear Technology LTM8025MPVPBF Datasheet HTML 16Page - Linear Technology LTM8025MPVPBF Datasheet HTML 17Page - Linear Technology LTM8025MPVPBF Datasheet HTML 18Page - Linear Technology LTM8025MPVPBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTM8025
15
8025f
APPLICATIONS INFORMATION
Thermal Considerations
The LTM8025 output current may need to be derated if it is
required to operate in a high ambient temperature or deliver
a large amount of continuous power. The amount of current
derating is dependent upon the input voltage, output power
and ambient temperature. The temperature rise curves
given in the Typical Performance Characteristics section
can be used as a guide. These curves were generated by a
LTM8025 mounted to a 58cm2 4-layer FR4 printed circuit
board. Boards of other sizes and layer count can exhibit
different thermal behavior, so it is incumbent upon the user
to verify proper operation over the intended system’s line,
load and environmental operating conditions.
The junction to air and junction to board thermal resis-
tances given in the Pin Configuration diagram may also
be used to estimate the LTM8025 internal temperature.
These thermal coefficients are determined for maximum
output power per JESD 51-9 “JEDEC Standard, Test Boards
for Area Array Surface Mount Package Thermal Measure-
ments” through analysis and physical correlation. Bear in
mind that the actual thermal resistance of the LTM8025
to the printed circuit board depends upon the design of
the circuit board.
The die temperature of the LTM8025 must be lower than
the maximum rating of 125°C, so care should be taken in
the layout of the circuit to ensure good heat sinking of the
LTM8025. The bulk of the heat flow out of the LTM8025
is through the bottom of the module and the LGA pads
into the printed circuit board. Consequently a poor printed
circuit board design can cause excessive heating, result-
ing in impaired performance or reliability. Please refer to
the PCB Layout section for printed circuit board design
suggestions.
The LTM8025 is equipped with a thermal shutdown that
will inhibit power switching at high junction temperatures.
The activation threshold of this function, however, is above
125°C to avoid interfering with normal operation. Thus,
it follows that prolonged or repetitive operation under a
condition in which the thermal shutdown activates neces-
sarily means that the internal components are subjected
to temperatures above the 125°C rating for prolonged
or repetitive intervals, which may damage or impair the
reliability of the device.
Finally, be aware that at high ambient temperatures the
internal Schottky diode will have significant leakage current
increasing the quiescent current of the LTM8025.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com