Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8025MPVPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8025MPVPBF
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025MPVPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8025MPVPBF Datasheet HTML 10Page - Linear Technology LTM8025MPVPBF Datasheet HTML 11Page - Linear Technology LTM8025MPVPBF Datasheet HTML 12Page - Linear Technology LTM8025MPVPBF Datasheet HTML 13Page - Linear Technology LTM8025MPVPBF Datasheet HTML 14Page - Linear Technology LTM8025MPVPBF Datasheet HTML 15Page - Linear Technology LTM8025MPVPBF Datasheet HTML 16Page - Linear Technology LTM8025MPVPBF Datasheet HTML 17Page - Linear Technology LTM8025MPVPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM8025
14
8025f
BIAS
AUX
VOUT
VIN
GND
GND
8025 F03
GND
THERMAL VIAS TO GND
RT
RADJ
PGOOD
CIN
COUT
SYNC
SHDN
APPLICATIONS INFORMATION
Figure 2. The Input Diode Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output. It Also Protects
the Circuit from a Reversed Input. The LTM8025 Runs Only When
the Input is Present.
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 3
for a suggested layout. Ensure that the grounding and
heatsinking are acceptable.
1. Place the RADJ and RT resistors as close as possible to
their respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8025.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8025.
4. Place the CIN and COUT capacitors such that their
ground current flow directly adjacent or underneath
the LTM8025.
5. Connect all of the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8025.
6. For good heatsinking, use vias to connect the GND cop-
per area to the board’s internal ground planes. Liberally
distribute these GND vias to provide both a good ground
connection and thermal path to the internal planes of the
printed circuit board. Pay attention to the location and
density of the thermal vias in Figure 3. The LTM8025
can benefit from the heat-sinking afforded by vias that
connect to internal GND planes at these locations, due to
their proximity to internal power handling components.
The optimum number of thermal vias depends upon
the printed circuit board design. For example, a board
Figure 3. Layout Showing Suggested External Components, GND
Plane and Thermal Vias.
might use very small via holes. It should employ more
thermal vias than a board that uses larger holes.
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8025. However, these capacitors
can cause problems if the LTM8025 is plugged into a live
supply (see Linear Technology Application Note 88 for
a complete discussion). The low loss ceramic capacitor
combined with stray inductance in series with the power
source forms an underdamped tank circuit, and the volt-
age at the VIN pin of the LTM8025 can ring to more than
twice the nominal input voltage, possibly exceeding the
LTM8025’s rating and damaging the part. If the input
supply is poorly controlled or the user will be plugging
the LTM8025 into an energized supply, the input network
should be designed to prevent this overshoot. This can be
accomplished by installing a small resistor in series to VIN,
but the most popular method of controlling input voltage
overshoot is to add an electrolytic bulk capacitor to the
VIN net. This capacitor’s relatively high equivalent series
resistance damps the circuit and eliminates the voltage
overshoot. The extra capacitor improves low frequency
ripple filtering and can slightly improve the efficiency of
the circuit, though it is likely to be the largest component
in the circuit.
VIN
RUN/SS
RT
ADJ
VOUT
GND
8025 F02
LTM8025
VIN
VOUT
AUX
BIAS
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com