Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8025MPVPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8025MPVPBF
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025MPVPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8025MPVPBF Datasheet HTML 12Page - Linear Technology LTM8025MPVPBF Datasheet HTML 13Page - Linear Technology LTM8025MPVPBF Datasheet HTML 14Page - Linear Technology LTM8025MPVPBF Datasheet HTML 15Page - Linear Technology LTM8025MPVPBF Datasheet HTML 16Page - Linear Technology LTM8025MPVPBF Datasheet HTML 17Page - Linear Technology LTM8025MPVPBF Datasheet HTML 18Page - Linear Technology LTM8025MPVPBF Datasheet HTML 19Page - Linear Technology LTM8025MPVPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTM8025
16
8025f
TYPICAL APPLICATIONS
1.8V Step-Down Converter
VIN
RUN/SS
SHARE
RT
ADJ
VOUT
GND
8025 TA02
LTM8025
VIN
3.6V TO 24V
VOUT
1.8V AT 3A
147k
383k
10μF
300μF
PGOOD
SYNC
AUX
BIAS
2.5V Step-Down Converter
VIN
RUN/SS
SHARE
RT
ADJ
VOUT
GND
8025 TA03
LTM8025
VIN*
4.1V TO 36V
VOUT
2.5V AT 3A
137k
226k
4.7μF
PGOOD
SYNC
AUX
BIAS
3.3V
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS
200μF
3.3V Step-Down Converter
VIN
RUN/SS
SHARE
RT
ADJ
VOUT
GND
8025 TA04
LTM8025
VIN*
5.5V TO 36V
VOUT
3.3V AT 3A
118k
154k
4.7μF
100μF
PGOOD
SYNC
AUX
BIAS
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS
8V Step-Down Converter
VIN
RUN/SS
SHARE
RT
ADJ
VOUT
GND
8025 TA05
LTM8025
VIN*
11V TO 36V
VOUT
8V AT 3A
69.8k
54.9k
4.7μF
47μF
PGOOD
SYNC
AUX
BIAS
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com