Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8025MPVPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8025MPVPBF
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025MPVPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8025MPVPBF Datasheet HTML 5Page - Linear Technology LTM8025MPVPBF Datasheet HTML 6Page - Linear Technology LTM8025MPVPBF Datasheet HTML 7Page - Linear Technology LTM8025MPVPBF Datasheet HTML 8Page - Linear Technology LTM8025MPVPBF Datasheet HTML 9Page - Linear Technology LTM8025MPVPBF Datasheet HTML 10Page - Linear Technology LTM8025MPVPBF Datasheet HTML 11Page - Linear Technology LTM8025MPVPBF Datasheet HTML 12Page - Linear Technology LTM8025MPVPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTM8025
9
8025f
BLOCK DIAGRAM
OPERATION
The LTM8025 is a standalone nonisolated step-down
switching DC/DC power supply that can deliver up to 3A of
output current. This module provides a precisely regulated
output voltage programmable via one external resistor
from 0.8V to 25V. The input voltage range is 3.6V to 36V.
Given that the LTM8025 is a step-down converter, make
sure that the input voltage is high enough to support the
desired output voltage and load current.
As shown in the Block Diagram, the LTM8025 contains a
current mode controller, power switching element, power
inductor, power Schottky diode and a modest amount of
input and output capacitance. The LTM8025 is a fixed
frequency PWM regulator. The switching frequency is set
by simply connecting the appropriate resistor value from
the RT pin to GND.
An internal regulator provides power to the control circuitry.
The bias regulator normally draws power from the VIN
pin, but if the BIAS pin is connected to an external volt-
age higher than 2.8V, bias power will be drawn from the
external source (typically the regulated output voltage).
This improves efficiency. The RUN/SS pin is used to place
the LTM8025 in shutdown, disconnecting the output and
reducing the input current to less than 1μA.
To further optimize efficiency, the LTM8025 automatically
switches to Burst Mode® operation in light load situations.
Between bursts, all circuitry associated with controlling
the output switch is shut down reducing the input supply
current to 50μA in a typical application.
The oscillator reduces the LTM8025’s operating frequency
when the voltage at the ADJ pin is low. This frequency
foldback helps to control the output current during start-
up and overload.
The LTM8025 contains a power good comparator which
trips when the ADJ pin is at roughly 90% of its regulated
value.ThePGOODoutputisanopen-collectortransistorthat
is off when the output is in regulation, allowing an external
resistor to pull the PGOOD pin high. Power good is valid
when the LTM8025 is enabled and VIN is above 3.6V.
The LTM8025 is equipped with a thermal shutdown that
will inhibit power switching at high junction tempera-
tures. The activation threshold of this function, however,
is above 125°C to avoid interfering with normal operation.
Thus, prolonged or repetitive operation under a condition
in which the thermal shutdown activates may damage or
impair the reliability of the device.
8025 BD
VIN
8.2μH
4.4μF
0.2μF
CURRENT
MODE
CONTROLLER
RUN/SS
SHARE
SYNC
AUX
BIAS
GND
RT
ADJ
PGOOD
VOUT
15pF
499k
Burst Mode is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com