Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML720 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  ML720 Datasheet HTML 1Page - Extech Instruments Corporation. ML720 Datasheet HTML 2Page - Extech Instruments Corporation. ML720 Datasheet HTML 3Page - Extech Instruments Corporation. ML720 Datasheet HTML 4Page - Extech Instruments Corporation. ML720 Datasheet HTML 5Page - Extech Instruments Corporation. ML720 Datasheet HTML 6Page - Extech Instruments Corporation. ML720 Datasheet HTML 7Page - Extech Instruments Corporation. ML720 Datasheet HTML 8Page - Extech Instruments Corporation. ML720 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
4
Specifications
DC VOLTAGE
RANGE
Accuracy
50.00 mV
0.12% + 2d
500.0 mV
0.06% + 2d
5.000V, 50.00V, 500.0V, 1000V
0.08% + 2d
NMRR: >60dB @ 50/60Hz, CMRR: >120dB @ DC, 50/60Hz, Rs=1k
Ω
Input impedance: 10M
Ω, 16pF nominal (44pF nominal for 50mV & 500mV
ranges)
AC VOLTAGE
*Specified from 30% to 100% of range
CMRR: >60dB @ DC to 60Hz, Rs=1k
Ω
Input Impedance: 10M
Ω, 16pF nominal (44pF nominal for 50mV &
500mV ranges)
DC CURRENT
RANGE
Accuracy
Burden Voltage
500.0
µA, 5000µA
0.15mV/
µA
50.00mA, 500.0mA
3.3mV/mA
5.000A, 10.00A*
0.2% + 4d
0.03V/A
*10A continuous, 20A for 30 seconds max with a 5 minute cool down
interval
RANGE
Accuracy
50Hz/60Hz
50.00mV, 500.0mV, 5.000V, 50.00V, 500.0V, 1000V 0.5% + 3d
40Hz to 500Hz
50.00mV, 500.0mV
0.8% + 3d
5.000V, 50.00V, 500.0V
1.0% + 4d
1000V
1.2% + 4d
Up to 20kHz
50.00mV, 500.0mV
0.5dB*
5.000V, 50.00V, 500.0V
3dB*
1000V
Unspecified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com