Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML720 Datasheet(PDF) 13 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 13 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 9Page - Extech Instruments Corporation. ML720 Datasheet HTML 10Page - Extech Instruments Corporation. ML720 Datasheet HTML 11Page - Extech Instruments Corporation. ML720 Datasheet HTML 12Page - Extech Instruments Corporation. ML720 Datasheet HTML 13Page - Extech Instruments Corporation. ML720 Datasheet HTML 14Page - Extech Instruments Corporation. ML720 Datasheet HTML 15Page - Extech Instruments Corporation. ML720 Datasheet HTML 16Page - Extech Instruments Corporation. ML720 Datasheet HTML 17Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
12
Frequency Measurements
1. Connect and make the measurement required as described in the
previous paragraphs.
2. Press the Hz key to select the Frequency (Hz) function.
3. Read the frequency on the display
Notes on sensitivity:
Input sensitivity varies automatically with function range selected. The
mV function has the highest (300mV) and the 1000V range has the
lowest (300V) sensitivity. It is recommended that the user first
measure the signal voltage (or current) level before activating the Hz
function to automatically set the most appropriate trigger level. You
can also press the RANGE button momentarily to select another
trigger level manually. If the Hz reading becomes unstable, select a
lower sensitivity to avoid electrical noise. If the display is zero, select
a higher sensitivity.
Diode Test
1. Insert the black lead into the negative COM jack and the red test lead
into the positive jack
2. Set the function switch to "
CAP" position.
3. Press the SELECT key momentarily to select the diode function (if
required).
4. Touch the test probe tips to the diode or semiconductor junction you
wish to test. Note the meter reading.
5. Reverse the test lead polarity by reversing the red and black leads.
Note this reading.
6. The diode or junction can be evaluated as follows:
A. If one reading displays a value and the other reading displays "OL",
the diode is good.
B. If both readings display "OL", the device is open.
C. If both readings are very small or 0, the device is shorted.
Temperature Measurements
1. Insert the Temperature Probe into the COM and TEMP input jacks
observing polarity.
2. Set the function switch to the "TEMP" position.
3. Use the SELECT key to toggle between
oC and oF.
4. Touch the Temperature Probe tip to the device under test.
5. Wait 30 seconds for the measurement to stabilize then read the
display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com