Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML720 Datasheet(PDF) 16 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 16 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 11Page - Extech Instruments Corporation. ML720 Datasheet HTML 12Page - Extech Instruments Corporation. ML720 Datasheet HTML 13Page - Extech Instruments Corporation. ML720 Datasheet HTML 14Page - Extech Instruments Corporation. ML720 Datasheet HTML 15Page - Extech Instruments Corporation. ML720 Datasheet HTML 16Page - Extech Instruments Corporation. ML720 Datasheet HTML 17Page - Extech Instruments Corporation. ML720 Datasheet HTML 18Page - Extech Instruments Corporation. ML720 Datasheet HTML 19Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
15
Recalling Stored Readings
To recall stored data, press the START, UP or DOWN arrow key
momentarily to “CALL” the logged data. The LCD will show a flashing
“C” (CALL) to indicate that the data shown is logged data. The data can
also be transferred to a PC using the supplied Windows
TM software and
interface cable. When the datalogger is paused or when the CALL mode
is activated, select from the following activities for datalog viewing:
1. Use the arrow keys to scroll through the data on the meter’s LCD
display.
2. Press and hold the UP or DOWN arrow keys to quickly scan the
logged data. The meter provides an audible tone when the first or last
reading is reached.
3. Press the UP and DOWN arrow keys at the same time momentarily to
display alternately the MINIMUM and MAXIMUM readings.
4. Press the UP or DOWN arrow key momentarily while holding the
HOLD key to search all of the trends in the recorded data list. The
LCD will indicate MIN or MAX for each trend in the list.
Datalog Item Numbers
Each logged reading has an item number (0 to n; where n is the
maximum number of records that can be stored) When the logged data
entries exceed 9999, the bargraph display indicates the most significant
digit of the item numbers > 10,000. For example, 1=10,000, 2=20,000,
etc.
Meter Memory Full
When the meter memory is full, the datalogging process ceases
automatically and the meter will enter the Auto Power OFF mode. Note
that while datalogging, the Auto Power OFF mode is disabled.
Low Battery Datalogging
If the 9V battery voltage falls critically low while the meter is datalogging,
the meter automatically ceases logging to ensure the integrity of the
data recorded.
Non-Volatile Data Storage
Data are stored in non-volatile memory shortly after each measurement
is taken to maximize data safety. However, the end-of-data information
can only be stored after a datalog event is complete. Always “StoP” the
datalogger before switching off the meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com