Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML720 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  ML720 Datasheet HTML 1Page - Extech Instruments Corporation. ML720 Datasheet HTML 2Page - Extech Instruments Corporation. ML720 Datasheet HTML 3Page - Extech Instruments Corporation. ML720 Datasheet HTML 4Page - Extech Instruments Corporation. ML720 Datasheet HTML 5Page - Extech Instruments Corporation. ML720 Datasheet HTML 6Page - Extech Instruments Corporation. ML720 Datasheet HTML 7Page - Extech Instruments Corporation. ML720 Datasheet HTML 8Page - Extech Instruments Corporation. ML720 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2
Introduction
Congratulations on your purchase of Extech model ML720 True rms
datalogging digital multimeter. Properly used, this meter will provide many
years of reliable service.
The
MultiLog™
measures
AC/DC
Voltage/Current,
Resistance,
Frequency, Capacitance, Temperature, Diode, and Continuity. The
MultiLog™ offers a built-in datalogger and an optical RS-232 interface.
The meter stores 43,000 data points in internal memory.
Safety
International Safety Symbols
This symbol, adjacent to another symbol or terminal, indicates the
user must refer to the manual for further information.
This symbol, adjacent to a terminal, indicates that, under normal
use, hazardous voltages may be present
Double insulation
Safety Precautions
1. Improper use of this meter can cause damage, shock, injury or death.
Read and understand this user’s manual before operating the meter.
2. Make sure any covers or battery doors are properly closed and
secured.
3. Always remove the test leads before replacing the battery or fuses.
4. Inspect the condition of the test leads and the meter itself for any
damage before operating the meter. Repair or replace any damage
before use.
5. Do not exceed the maximum rated input limits.
6. Use great care when making measurements if the voltages are
greater than 25VAC rms or 35VDC. These voltages are considered a
shock hazard.
7. Always discharge capacitors and remove power from the device
under test before performing Capacitance, Diode, Resistance or
Continuity tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com