Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML720 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 2Page - Extech Instruments Corporation. ML720 Datasheet HTML 3Page - Extech Instruments Corporation. ML720 Datasheet HTML 4Page - Extech Instruments Corporation. ML720 Datasheet HTML 5Page - Extech Instruments Corporation. ML720 Datasheet HTML 6Page - Extech Instruments Corporation. ML720 Datasheet HTML 7Page - Extech Instruments Corporation. ML720 Datasheet HTML 8Page - Extech Instruments Corporation. ML720 Datasheet HTML 9Page - Extech Instruments Corporation. ML720 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
5
AC CURRENT
RANGE
Accuracy
Burden Voltage
50 / 60Hz
500.0
µA, 5000µA
0.6%+3d
0.15mV/
µA
50.00mA, 500.0mA
0.6%+3d
3.3mV/mA
5.000A, 10.00A*
0.6%+3d
0.03V/A
40Hz to 1kHz
500.0
µA, 5000µA
0.8%+4d
0.15mV/
µA
50.00mA
0.8%+4d
3.3mV/mA
500.0mA
1.0%+4d
3.3mV/mA
5.000A, 10.00A*
0.8%+4d
0.03V/A
*10A continuous, 20A for 30-second max with 5 minute cool down interval
TEMPERATURE
RANGE
Accuracy
-50
°C TO 1000°C
0.3% + 3d
-58
°F TO 1832°F
0.3% + 6d
RESISTANCE
RANGE
Accuracy
50.00
Ω
0.2% + 6d
500.0
Ω
0.1% + 3d
5.000k
Ω, 50.00kΩ, 500.0kΩ
0.1% + 2d
5.000M
Ω
0.4% + 3d
50.00M
Ω
1.5% + 5d
Open Circuit Voltage: < 1.3VDC (< 3VDC for 50
Ω & 500Ω ranges)
CAPACITANCE
RANGE
Accuracy*
50.00nF, 500.0nF
0.8% + 3d
5.000
µF
1.0% + 3d
50.00
µF
2.0% + 3d
500.0
µF
3.5% + 5d
9999
µF
5.0% + 5d
*Accuracies with film capacitor or better



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com