Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-3000/4M Datasheet(PDF) 17 Page - BOSER Technology Co., Ltd

Part # HS-3000/4M
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000/4M Datasheet(HTML) 17 Page - BOSER Technology Co., Ltd

Back Button HS-3000/4M Datasheet HTML 13Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 21Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
11
JP9: Watchdog Timer Active Type Select
JP9
Description
Short 1-2 (default)
System Reset
Short 2-3
Active NMI
Open
Disabled
1
3
JP14: Watchdog Timer Out Period Select
Period PINS 1-2 PINS 3-4 PINS 5-6 PINS 7-8
1 sec
(default)
Open
Open
Short
Open
2 sec
Open
Open
Short
Short
10 sec
Open
Short
Open
Open
20 sec
Open
Short
Open
Short
110 sec
Short
Open
Open
Open
220 sec
Short
Open
Open
Short
1
2
7
8
The watchdog timer is disabled after the system power-on. The
watchdog timer can be enabled by a Enable cycle with reading the
control port (443H), a Refresh cycle with reading the control port
(443H) and a Disable cycle by reading the watchdog timer disable
control port (043H). After a Enable cycle of WDT, user must constantly
proceed a Refresh cycle to WDT before its period setting comes ending
of every 1, 2, 10, 20, 110 or 220 seconds (Please reference to the
selection table of JP14 for WDT Time Out period setting). If the Refresh
cycle does not active before WDT period cycle, the onboard WDT
architecture will issue a Reset or NMI cycle to the system. The
watchdog timer controlled by two I/O ports.
443H
I/O Read
Enable/Refresh cycle
043H
I/O Read
Disable cycle
The following sample program shows how to Enable, Disable and
Refresh the watchdog timer:
WDT_EN_RF
EQU
0433H
WDT_DIS
EQU
0043H
WT_Enable
PUSH
AX
; keep AX DX
PUSH
DX
MOV
DX,WDT_EN_RF
; enable the WDT
IN
AL,DX
POP
DX
; get back AX, DX
POP
AX
RET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com