Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-3000/4M Datasheet(PDF) 18 Page - BOSER Technology Co., Ltd

Part # HS-3000/4M
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000/4M Datasheet(HTML) 18 Page - BOSER Technology Co., Ltd

Back Button HS-3000/4M Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 22Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
12
WT_Refresh
PUSH
AX
; keep AX, DX
PUSH
DX
MOV
DX,WDT_ET_RF
; refresh the WDT
IN
AL,DX
POP
DX
; get back AX, DX
POP
AX
RET
WT_DISABLE
PUSH
AX
PUSH
DX
MOV
DX,WDT_DIS
; disable the WDT
IN
AL,DX
POP
DX
; get back AX, DX
POP
AX
RET
3.7 VGA Controller
The onboard C&T 65545 CRT/Panel display controller provides up to
1024 x 768 at 16 colors resolution. The HS-3000/4M provides two
connection methods of CRT and Panel device. CN18 offers a 15-pin
CRT connector, and CN11 offers a 50-pin Panel connector.
CN18: CRT Connector (8x2 header)
PIN Description PIN Description
1
RED
2
GREEN
3
BLUE
4
N/C
5
GND
6
GND
7
GND
8
GND
9
N/C
10
GND
11
N/C
12
N/C
13
HSYNC
14
VSYNC
15
N/C
1
6
10
11
5
15
The HS-3000/4M provides a 44-pin 2.0mm pitch header connector
(CN11).
CN11: Panel Connector
…More on next page…
CN11
Description
CN11
Description
1
+12V
2
+12V
3
GND
4
GND
5
PVcc
6
PVcc
7
FPVee
8
GND
9
P0
10
P1
11
P2
12
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com