Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-3000/4M Datasheet(PDF) 21 Page - BOSER Technology Co., Ltd

Part # HS-3000/4M
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000/4M Datasheet(HTML) 21 Page - BOSER Technology Co., Ltd

Back Button HS-3000/4M Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 24Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 25Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
15
Sharp LM64C142(640 x 480 DSTN STN Color)
Sharp LM64C142(CN1)
HS-3000/4M(CN11)
PIN
Description
PIN
Description
1
YD
36
FLM
2
LP
38
LP
3
XCX
35
SHFCLK
4
DISP
5
+5V
5
PVDD
6
+5V
6
PVSS
3
GND
7
PVEE
-
+27V (external power)
8
DU0
20
P11
9
DU1
19
P10
10
DU2
18
P9
11
DU3
17
P8
12
DU4
12
P3
13
DU5
11
P2
14
DU6
10
P1
15
DU7
9
P0
Sharp LM64C142 (CN2)
HS-3000/4M(CN11)
PIN
Description
PIN
Description
1
VSS
4
GND
2
DL0
24
P15
3
DL1
23
P14
4
DL2
22
P13
5
DL3
21
P12
6
DL4
16
P7
7
DL5
15
P6
8
DL6
14
P5
9
DL7
13
P4
10
VSS
8
GND
NEC NL8060AC26 (800 x 600 TFT Color)
NEC NL8060AC26(CN1)
HS-3000/4M(CN11)
PIN
Description
PIN
Description
1
GND
3
GND
2
Dot Clock
35
SHFCLK
3
GND
4
GND
4
HSYNC
38
LP
5
HSYNC
38
FLM
6
GND
8
GND
7
GND
8
GND
…More on next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com