Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-3000/4M Datasheet(PDF) 25 Page - BOSER Technology Co., Ltd

Part # HS-3000/4M
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000/4M Datasheet(HTML) 25 Page - BOSER Technology Co., Ltd

Back Button HS-3000/4M Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 24Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 25Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 26Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 27Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 28Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 29Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
19
The HS-3000/4M has a PS/2 mouse connector onboard uses IRQ12. If
you do not use the PS/2 mouse and wish to assign IRQ12 for other
purposes, you may change JP8 do disconnect PS/2 interrupt from
IRQ12.
JP8: IRQ12 Enabled/Disabled Select
JP8
Description
Open
Disabled
Short (default)
Enabled
1
2
NOTE:
If you want to use PS/2 mouse, please make sure JP8 is Short.
CN20: PS/2 6-pin Mini DIN Mouse Connector
PIN
Description
1
Mouse Data
2
N/C
3
GND
4
+5V
5
Mouse Clock
6
N/C
Mouse
Data
N/C
GND
+5V
1
2
3
4
5
6
Mouse
Clock
N/C
3.10 Speaker Connector
The HS-3000/4M has its own buzzer, and CN5 allows user to connect
to the external speaker.
CN5: Speaker Connector
PIN
Description
1
Speaker
2
N/C
3
GND
4
+5V
12
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com