Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-3000/4M Datasheet(PDF) 19 Page - BOSER Technology Co., Ltd

Part # HS-3000/4M
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000/4M Datasheet(HTML) 19 Page - BOSER Technology Co., Ltd

Back Button HS-3000/4M Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 23Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
13
3.7.1 Connectors for Standard LCDs
Sharp LM64183P (640 x 480 DSTN MONO LCD)
Sharp LM64P83(CN1)
HS-3000/4M(CN11)
PIN
Description
PIN
Description
1
S
36
FLM
2
CP1
38
LP
3
CP2
35
SHFCLK
4
DISP
5
+5V
5
VDD
6
+5V
6
VSS
3
GND
7
VEE
-
-17V (external power)
8
DU0
12
P3
9
DU1
11
P2
10
DU2
10
P1
11
DU3
9
P0
12
DL0
16
P7
13
DL1
15
P6
14
DL2
14
P5
15
DL3
13
P4
CN11
Description
CN11
Description
13
P4
14
P5
15
P6
16
P7
17
P8
18
P9
19
P10
20
P11
21
P12
22
P13
23
P14
24
P15
25
P16
26
P17
27
P18
28
P19
29
P20
30
P21
31
P22
32
P23
33
GND
34
GND
35
SHFCLK
36
FLM
37
M
38
LP
39
GND
40
ENABKL
41
GND
42
ASHFCLK
43
VCC
44
VCC
1
2
44
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com