Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5240 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT5240
Description  10-bit, 400 MWPS Current Output Digital-to-Analog Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5240 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT5240 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
REV. 1 June 2003
5
SPT5240
DATA SHEET
Typical Performance Characteristics
(TA = 25°C, AVDD = 3.3V, DVDD = 3.3V, ƒOUT = 1.27MHz, ƒCLK = 400MHz, Clock Duty Cycle = 50%,
IOUT = 20mA, RL = 50Ω; unless otherwise noted)
2.0
-0.5
0
0.5
1.0
1.5
0
128
256
384
512
640
768
896 1024
Code
Intergral Nonlinearity vs. Code
45
5
15
25
35
40
Clock (MHz)
AVDD, DVDD vs. Clock Frequency
0.6
-0.6
-0.4
0.2
0.4
0
128
256
384
512
640
768
896 1024
Code
Differential Nonlinearity vs. Code
0
-0.2
AC Performance vs. Clock Frequency
65
25
30
35
40
45
50
55
60
0
100
200
300
400
500
600
Clock Frequency (MHz)
SFDR
THD
SNR
65
40
45
50
55
60
-50
-25
0
25
50
75
Temperature (°C)
AC Performance vs. Temperature
SFDR
THD
SNR
Clock frequency = 327MHz
AC Performance vs. VDD
65
55
45
35
50
60
3.0
3.3
3.6
VDD (V)
40
SFDR
THD
SNR
105
205
245
328
400
AVDD
DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com