Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5240 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT5240
Description  10-bit, 400 MWPS Current Output Digital-to-Analog Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5240 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button SPT5240 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
REV. 1 June 2003
DATA SHEET
SPT5240
Typical Interface Circuit
The SPT5240 requires few external components to achieve
the stated performance. Figure 2 shows the typical interface
requirements when used in normal circuit operation. The
following sections provide descriptions of the major
functions and outline performance criteria to consider for
achieving optimal performance.
Digital Inputs
The SPT5240 has a 10-bit-wide parallel data input designed
to work at +3.3V CMOS levels. Fast edges and low
transients provide for improved performance.
Clock Input
The SPT5240 is driven by a single-ended clock circuit. In
order to achieve best performance at the highest throughput,
a clock generation circuit should provide fast edges
and low jitter.
Input Protection
All I/O pads are protected with an on-chip protection circuit.
This circuit provides robust ESD protection in excess of
3,000 volts, in human body model, without sacrificing speed.
Power Supplies and Grounding
The SPT5240 may be operated in the range of 3.0 to 3.6
volts. Normal operation is recommended to be separate
analog and digital supplies operating at +3.3 volts. All
power supply pins should be bypassed as close to the
package as possible with the smallest capacitor closest to
the device. Analog and digital ground planes should be
connected together with a ferrite bead as shown in Figure 2
and as close to the DAC as possible.
Sleep Mode
To conserve power, the SPT5240 incorporates a power down
function. This function is controlled by the signal on
pin PWD. When PWD is set high, the SPT5240 enters the
sleep mode. The analog outputs are both set to zero current
output, resulting in less than 10mA current draw from
the analog supply. For minimum power dissipation, data
and clock inputs should be set to logic low or logic high.
Reference
The SPT5240 utilizes an on-chip bandgap reference to set
full-scale output current level. The current reference to the
DAC circuitry is set by the external resistance value between
the ISET pin and analog ground.
Figure 2: Typical Interface Circuit Diagram
50Ω
50Ω
RSET
Clock In
IOUT
Adjust
Sleep
Mode
Select
CLK
ISET
PWD
IOP
ION
VOP
VON
SPT5240
10-bit
Data Bus
0.01µF
0.1µF
10µF
+D3.3V
0.01µF
0.1µF
10µF
+A3.3V
++
FB
Notes:
1. FB = Ferrite Bead across analog and digital ground planes.
Place as close to DAC as feasible.
2. Minimum resistance (RSET) from ISET to ground relsults
in maximum current output.
3. PWD pin has an internal pull-down resistor.
Set pin high to initate sleep mode.
4. Outputs (IOP and ION) require minimum 5Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com