Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5240 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT5240
Description  10-bit, 400 MWPS Current Output Digital-to-Analog Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5240 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT5240 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
REV. 1 June 2003
DATA SHEET
SPT5240
Absolute Maximum Ratings (beyond which the device may be damaged)
Note:
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper
nominal applied conditions in typical applications.
Parameter
Min
Max
Units
Supply Voltage
AVDD
3.7
V
DVDD
3.7
V
Voltage Difference between AGND and DGND
-0.5
0.5
V
Voltage Difference between AVDD and DVDD
-0.5
0.5
V
Input Voltages
D0 – D9
-0.5
DVDD +0.5
V
CLK
-0.5
DVDD +0.5
V
Junction Temperature
150
°C
Lead, soldering (10 seconds)
260
°C
Storage Temperature
-65
+150
°C
Thermal Resistance (ΘJA) for 32 lead LQFP
64
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com