Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5240 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT5240
Description  10-bit, 400 MWPS Current Output Digital-to-Analog Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5240 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT5240 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
REV. 1 June 2003
7
SPT5240
DATA SHEET
Theory of Operation
The SPT5240 is a 10-bit 400 MWPS digital-to-analog
converter. It integrates a DAC core with a bandgap reference
and operates from a +3.3V power supply.
The DAC architecture is a compound differential current
output DAC consisting of a 6-bit fully segmented DAC for
the MSBs and a 4-bit fully segmented DAC for the LSBs.
The input cell, followed by a master-slave latch, buffers the
digital inputs. A 6:64 decoder decodes the digital data for
the MSBs, and a 4:16 decoder does so for the LSBs. The
outputs of the decoders are latched using a second bank
of master-slave latches whose outputs then drive differential
current switches, which steer the appropriate current to
the IOP or ION outputs.
The analog (AVDD) and digital (DVDD) power supplies are
separated on chip to allow flexibility in the interface board.
The analog (AGND) and digital (DGND) are separated on
chip. Circuit board ground planes should be separated and
tied together with a ferrite bead.
tD
tsettling
N
N+1
N-1
N+1
N-2
N
N+1
N+3
CLK
Digital
Inputs
VOP
1 LSB
1 LSB
VON
N
N+2
tS
tH
NOTE: Not to scale. For definition purposes only.
Figure 1: Timing Diagram
Pin Configuration
Pin Assignments
Analog Outputs
IOP
DAC current output. Full-scale output at 11…11
input code.
ION
Complementary current output. Full-scale output
at 00…00 input code.
Digital Inputs
D0 – D9
Digital inputs (D0 = LSB).
PWD
Power down mode pin. Active high. Internally
pulled down.
CLK
Clock input pin. Data is latched on the rising edge.
Reference
ISET
Full-scale adjust control. Connection for
reference-current setting resistor.
Power
AGND
Analog Supply Ground.
DGND
Digital Supply Ground.
AVDD
Analog +3.3V supply.
DVDD
Digital +3.3V supply.
N/C
No Connect
1
2
3
4
5
6
7
8
D2
D1
D0
CLK
AGND
DGND
DGND
DV
DD
24
23
22
21
20
19
18
17
D8
DGND
DGND
AV
DD
I
SET
AGND
PWD
D9
SPT5240SIT
32-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com