Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5240 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT5240
Description  10-bit, 400 MWPS Current Output Digital-to-Analog Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5240 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT5240 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5240 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. 1 June 2003
Features
• 400 MWPS update rate
• Complementary current outputs
• +3.3 V power supply
• Low power dissipation:
149mW (typ) @ƒCLK = 400MHz and 12mA output
• Excellent AC performance:
SFDR = 58dBc for ƒCLK = 400MHz and ƒOUT = 1.27 MHz
• Internal reference
Applications
• Battery-operated devices
• Portable RF devices
• Set top boxes
• Video displays
• Broadband RF
• High-speed test equipment
Description
The SPT5240 is a 10-bit digital-to-analog converter that
performs at an update rate of 400M words per second. The
architecture achieves excellent high-frequency performance
with very low power dissipation. This makes it ideal for all
types of battery-operated equipment requiring high-speed
digital-to-analog conversion.
The SPT5240 operates over an extended industrial
temperature range from -40°C to +85°C and is available in a
32-lead LQFP package.
SPT5240
10-bit, 400 MWPS Current Output
Digital-to-Analog Converter
Functional Block Diagram
D0 – D9
IOP
ION
CLK
ISET
DVDD
AVDD
PWD
DGND
AGND
10-bit
Current Output
DAC
10 Bits
Reference
Circuit
www.cadeka.com


Similar Part No. - SPT5240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5240 FAIRCHILD-SPT5240 Datasheet
102Kb / 10P
10-bit, 400 MWPS Current Output Digital-to-Analog Converter
More results

Similar Description - SPT5240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5240 FAIRCHILD-SPT5240 Datasheet
102Kb / 10P
10-bit, 400 MWPS Current Output Digital-to-Analog Converter
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
14-Bit 400-MSPS Digital-to-Analog Converter
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
14-Bit 400-MSPS Digital-to-Analog Converter
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
10-Bit Analog-to-Digital Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com