Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7935 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7935
Description  12-BIT, 20 MSPS, 79 mW A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7935 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7935 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
7/12/00
SPT7935
Figure 1 – Timing Diagram
N+8
N+7
N+6
N+2
N+1
N
N-1
tD
N-2
N-1
N
Sampling Points
tAP
AIN
CLK
DOUT
GENERAL DESCRIPTION
The SPT7935 is an ultra-low power, 12-bit, 20 MSPS ADC.
It has a pipelined architecture and incorporates digital error
correction of the 11 most significant bits. This error correction
ensures good linearity performance for input frequencies up
to Nyquist. The inputs are fully differential, making the device
insensitive to system-level noise. This device can also be
used in a single-ended mode. (See analog input section.)
With the power dissipation roughly proportional to the sam-
pling rate, this device is ideal for very low power applications
in the range of 1 to 20 MSPS.
TYPICAL INTERFACE CIRCUIT
The SPT7935 requires few external components to achieve
the stated operation and performance. Figure 2 shows the
typical interface requirements when using the SPT7935 in
normal circuit operation. The following sections provide
a description of the functions and outline critical perform-
ance criteria to consider for achieving the optimal device
performance.
ANALOG INPUT
The input of the SPT7935 can be configured in various ways
depending on if a single-ended or differential, AC- or DC-
coupled input is desired.
Figure 2 – Typical Interface Circuit
GND
.01
µF
+
4.7
µF
Ref– In
(+1.15 V)
Ref+ In
(+2.15 V)
.01
µF
+
10
µF
0.1
µF
+3.3 V
CLK In
(3 V Logic)
Interfacing
3 V Logic
Decoupling Cap
+3.3 V
DGND
FB
(MSB)
AGND
U1
SPT7935
.01
µF
(+1.65 V)
Minicircuit
T1-6T
RF In
51
68 pF
22
23
11
12
34
33
1
44
(LSB)
N/C
N/C
N/C
GND
Bias1
Bias2
VCM
GND
VIN+
VIN–
GND
VDD3
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
.01
µF
+
4.7
µF
+3.3 V Digital
9.5
µA
90
µA
Notes: All VDD1, VDD2 and VDD3 should be tied together.
FB = Ferrite Bead; must be placed as close to U1 as possible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com