Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7935 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7935
Description  12-BIT, 20 MSPS, 79 mW A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7935 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7935 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
7/12/00
SPT7935
ELECTRICAL SPECIFICATIONS
TA=TMIN–TMAX , VDD
1=VDD2=VDD3=3.3 V, VREF–=1.0 V, VREF+=2.0 V, Common Mode Voltage=1.65 V, ƒCLK=20 MSPS, Bias 1=90 µA,
Bias 2=9.5
µA, Differential Input, Duty Cycle=50%, unless otherwise specified.
TEST
TEST
SPT7935
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC Accuracy
Resolution
12
Bits
Differential Linearity
V
±0.6
LSB
Integral Linearity
V
±3.0
LSB
No Missing Codes
VI
Guaranteed
Analog Input
Input Voltage Range (Differential)
IV
±0.6
±1.0
±1.7
V
Common Mode Input Voltage
IV
1.2
1.65
1.9
V
Input Capacitance
V
1.4
pF
Input Bandwidth (Large Signal)
V
120
MHz
Offset (Mid-scale)
VIN+=VIN–=VCM
V
±1.0
% FSR
Gain Error
V
0.3
% FSR
Reference Voltages
Reference Input Voltage Range
IV
0.6
1.0
1.7
V
(VREF+ – VREF–)
Negative Reference Voltage (VREF–)
IV
0.9
1.0
1.3
V
Positive Reference Voltage (VREF+)
IV
1.9
2.0
2.6
V
Common Mode Output Voltage (VCM)IO = –1 µA
VI
1.3
1.65
1.8
V
VREF+ Current
V
35
µA
VREF– Current
V
–25
µA
Switching Performance
Maximum Conversion Rate
VI
20
MHz
Pipeline Delay
IV
7.5
Clocks
(See Timing Diagram)
Aperture Delay Time (TAP)V
5
ns
Aperture Jitter Time
V
10
ps-rms
Dynamic Performance
Effective Number of Bits
ƒIN = 5.0 MHz
VI
9.2
9.8
Bits
ƒIN = 10.0 MHz
V
9.0
Bits
Signal-To-Noise Ratio
ƒIN = 5.0 MHz
VI
59
62
dB
ƒIN = 10.0 MHz
V
58
dB
Total Harmonic Distortion
ƒIN = 5.0 MHz
VI
–68
–61
dB
ƒIN = 10.0 MHz
V
–60
dB
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Supply Voltages
VDD1 .................................................................... –0.5 V to +6 V
VDD2 .................................................................... –0.5 V to +6 V
VDD3 .................................................................... –0.5 V to +6 V
Input Voltages
Analog Input ................................. –0.5 V to (VDD +0.5 V)
Digital Input .................................. –0.5 V to (VDD +0.5 V)
VREF+ .......................................... –0.5 V to (VDD +0.5 V)
VREF– .......................................... –0.5 V to (VDD +0.5 V)
CLK .............................................. –0.5 V to (VDD +0.5 V)
Temperature
Operating Temperature ............................. –40 to +85
°C
Storage Temperature ............................... –65 to +125
°C
Note: 1. Operation at any Absolute Maximum Rating is not
implied. See Electrical Specifications for proper
nominal applied conditions in typical applications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com