Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7935 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7935
Description  12-BIT, 20 MSPS, 79 mW A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7935 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7935 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
7/12/00
SPT7935
TEST LEVEL
I
II
III
IV
V
VI
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25 °C, and sample tested at
the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and
characterization data.
Parameter is a typical value for information purposes only.
100% production tested at TA = +25 °C. Parameter is guaran-
teed over specified temperature range.
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions: All parameters having
min/max specifications are guaranteed. The
Test Level column indicates the specific
device testing actually performed during pro-
duction and Quality Assurance inspection.
Any blank section in the data column indi-
cates that the specification is not tested at the
specified condition.
ELECTRICAL SPECIFICATIONS
TA=TMIN–TMAX , VDD
1=VDD2=VDD3=3.3 V, VREF–=1.0 V, VREF+=2.0 V, Common Mode Voltage=1.65 V, ƒCLK=20 MSPS, Bias 1=90 µA,
Bias 2=9.5
µA, Differential Input, Duty Cycle=50%, unless otherwise specified.
TEST
TEST
SPT7935
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance–Continued
Signal-To-Noise and Distortion
ƒIN = 5 MHz
VI
57
61
dB
ƒIN = 10 MHz
V
56
dB
Spurious Free Dynamic Range
ƒIN = 5.0 MHz
VI
62
70
dB
ƒIN = 10.0 MHz
V
61
dB
Differential Phase
V
0.2
Degrees
Differential Gain
V
0.5
%
Digital Inputs
Logic 1 Voltage
VI
80% VDD
Logic 0 Voltage
VI
20% VDD
Maximum Input Current Low
VIN = GND
VI
±1
µA
Maximum Input Current High
VIN = VDD
VI
±1
µA
Input Capacitance
V
1.8
pF
Digital Outputs
Logic 1 Voltage
IO = -2 mA
VI
85% VDD
95% VDD
V
Logic 0 Voltage
IO = +2 mA
VI
0.1
0.4
V
CLK to Output Delay Time (tD)IV
4
8
12
ns
Power Supply Requirements
Supply Voltages
VDD1, VDD2, VDD3
IV
2.8
3.3
3.6
V
Supply Current
IDD
VI
24
30
mA
Power Dissipation
VI
79
100
mW
Power Supply Rejection Ratio (PSRR)
V
67
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com