Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7935 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7935
Description  12-BIT, 20 MSPS, 79 mW A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7935 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7935 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT7935
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
FEATURES
• 12-Bit, 20 MSPS Analog-to-Digital Converter
• Monolithic CMOS
• Internal Track-and-Hold
• Low Input Capacitance: 1.4 pF
• Low Power Dissipation: 79 mW
• 2.8 – 3.6 V Power Supply Range
• TTL-Compatible Outputs
APPLICATIONS
• CCD Imaging Cameras and Sensors
• Medical Imaging
• RF Communications
• Document and Film Scanners
• Electro-Optics
• Transient Signal Analysis
• Handheld Equipment
GENERAL DESCRIPTION
The SPT7935 12-bit, 20 MSPS analog-to-digital converter
has a pipelined converter architecture built in a CMOS
process. It delivers high performance with a typical power
dissipation of only 79 mW. With low distortion and high
dynamic range, this device offers the performance needed
for imaging, multimedia, telecommunications and instrumen-
tation applications.
The SPT7935 is available in a 44-lead Thin Quad Flat Pack
(TQFP) package in the industrial temperature range (–40 to
+85
°C).
BLOCK DIAGRAM
Stage
1
Stage
2
Stage
9
Stage
10
2-Bit
ADC
Clock
Driver
Digital Delays, Error Correction and Output
VIN+
VIN–
VREF+
VREF–
CLK
Digital Output (D0 – D11)
12
DAC
ADC
+
G=2
–
D<1…0> Pipeline Stage


Similar Part No. - SPT7935

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
SPT7935SIT FAIRCHILD-SPT7935SIT Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results

Similar Description - SPT7935

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
12 BIT 20 MSPS A/D CONVERTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com