Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7935 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7935
Description  12-BIT, 20 MSPS, 79 mW A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7935 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7935 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
7/12/00
SPT7935
THD
SNR
SINAD
20
30
40
50
60
70
80
100
101
102
THD, SNR, SINAD vs Input Frequency
Input Frequency (MHz)
SNR
THD
SINAD
SNR
THD
SINAD
20
30
40
50
60
70
80
10 0
101
102
THD, SNR, SINAD vs Sample Rate
Sample Rate (MSPS)
Note: Bias1 and Bias2 currents optimized for each sample rate.
56
58
60
62
64
66
68
70
025
70
Temperature (°C)
THD, SNR, SINAD vs Temperature
THD
SNR
SINAD
0
25
50
75
100
125
150
10 0
101
102
Power Dissipation vs Sample Rate
Sample Rate (MSPS)
Note: Bias1 and Bias2 optimized for each sample rate.
Bias 2 Voltage vs Bias 2 Current
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0
3
6
9
12
15
18
IBias2 (
µA)
IBias2
VBias2
3
0.6975
6
0.7535
9
0.796
12
0.8295
15
0.8595
Bias 1 Voltage vs Bias 1 Current
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
0
30
60
90
120
150
180
IBias1 (
µA)
IBias1 VBias1
30
2.19
60
2.53
90
2.79
120
3.00
150
3.22
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com