Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2011AR3C Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # TMC2011AR3C
Description  Variable-Length Shift Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2011AR3C Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button TMC2011AR3C Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TMC2011A/2111A
PRODUCT SPECIFICATION
6
Electrical Characteristics
Switching Characteristics
Parameter
Conditions
Min
Typ
Max
Units
IDDU
Power Supply Current, Unloaded
VDD = Max, fCLK=30 MHz
VDD = Max, fCLK=40 MHz
30
40
mA
mA
IDDQ
Power Supply Current, Quiescent
VDD = Max, CLK = LOW
0.5
mA
CPIN
I/O Pin Capacitance
5
pF
IIH
Input Current, HIGH
VDD = Max, VIN = VDD
±10
mA
IIL
Input Current, LOW
VDD = Max, VIN = 0 V
±10
mA
IOS
Short-Circuit Current
-100
mA
VOH
Output Voltage, HIGH
DO7-0, IOH = Max
2.4
V
VOL
Output Voltage, LOW
DO7-0, IOL = Max
0.4
V
Parameter
Conditions
Min
Typ
Max
Units
tDO
Output Delay Time
CLOAD = 25 pF
15
ns
tHO
Output Hold Time
CLOAD = 25 pF
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com