Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2011AR3C Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # TMC2011AR3C
Description  Variable-Length Shift Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2011AR3C Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button TMC2011AR3C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TMC2011A/2111A
PRODUCT SPECIFICATION
10
Mechanical Dimensions (continued)
24-Lead Plastic DIP Package
D
B1
e
B
E1
A1
A
L
12
13
24
1
E
eB
C
D1
A
—
.210
—
5.33
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.015
—
.38
—
.022
.56
B
.014
.36
B1
.045
.070
1.14
1.78
D
1.125
1.275
28.58
32.39
.240
.280
6.10
7.11
E
eB
—
.430
—
10.92
.115
.195
2.53
4.95
D1
.005
—
.13
—
e
.100 BSC
2.54 BSC
N
24
24
A2
.300
.325
7.62
8.26
E1
L
.115
.160
2.92
4.06
C
.008
.015
.20
.38
4
2
2
5
Notes:
1.
2.
3.
4.
5.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
"D" and "E1" do not include mold flashing. Mold flash or protrusions
shall not exceed .010 inch (0.25mm).
Terminal numbers are shown for reference only.
"C" dimension does not include solder finish thickness.
Symbol "N" is the maximum number of terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com