Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2011AR3C Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # TMC2011AR3C
Description  Variable-Length Shift Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2011AR3C Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  TMC2011AR3C Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• Low power CMOS
• TMC2011A is a pin compatible replacement for the
TDC1011 and TMC2011
• TMC2211A is a pin compatible replacement for the
TMC2111
• Inputs and outputs are TTL compatible
• DC–40MHz clock rate
• Selectable delay lengths (TMC2011A: 3 to 18 stages,
TMC2111A: 1 to 16 stages)
• Special 4-bit wide mixed-delay mode (TMC2011A)
• Available in 24-pin CERDIP and plastic DIP and 28-lead
Plastic Leadless Chip Carrier
Applications
• Video filtering
• High speed data registers
• Local storage registers
• Digital delay lines
• Television special effects
• Pipeline register
Description
The TMC2011A and TMC2111A are high-speed, byte-wide
shift registers with programmable delay lengths.
The TMC2011A can be programmed to any length between
3 and 18 stages. It offers a special split-word mode which
allows for mixed delay lengths. The TMC2011A, con-
structed in low-power CMOS, is pin and function compatible
with the bipolar TDC1011.
The TMC2111A is a byte-wide shift register that can be pro-
grammed to lengths of 1 to 16 stages.
The TMC2011A and TMC2111A are fully synchronous,
with all operations controlled by a single master clock. Input
and output registers are positive-edge triggered D-type flip-
flops. The length and mode controls are also registered. Both
devices operate with a maximum clock rate of 40 MHz.
Fabricated in a submicron CMOS process, the TMC2011A
and TMC2111A are TTL-compatible, and are available in
24-pin CERDIP and Plastic DIP packages as well as a
28-lead Plastic Leadless Chip Carrier.
Block Diagrams
TMC2011A
TMC2111A
R1
DI3-0
DO3-0
DO7-4
L3-0
DI7-4
MC
CLK
4
44
4-Bit Wide
1 of 16 Selector
4-Bit Wide
1 of 16 Selector
44
65-2011A-01
4
4
44
4
4
4
4
4
4
44
44
R2
R3
R16
R17
RL
RI
R1
R2
R3
R16
R17
R18
R18
8
8
8
88
R1
R14
R15
DO7-0
L3-0
DI7-0
4
4
8-Bit Wide
1 of 16 Selector
88
65-2011A-02
8
RL
R16
CLK
TMC2011A/2111A
Variable-Length Shift Register
Rev. 1.1.0
www.cadeka.com


Similar Part No. - TMC2011AR3C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2011AR3C FAIRCHILD-TMC2011AR3C Datasheet
69Kb / 12P
Variable-Length Shift Register
TMC2011AR3C1 FAIRCHILD-TMC2011AR3C1 Datasheet
69Kb / 12P
Variable-Length Shift Register
More results

Similar Description - TMC2011AR3C

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
Variable Length Static Shift Register
SM5829P NPC-SM5829P Datasheet
231Kb / 8P
High-speed, 8-bit Variable-length Shift Register
SM5839A NPC-SM5839A Datasheet
83Kb / 8P
High-Speed Variable-Length Shift Register
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
1-to-64 bit variable length shift register
January 1995
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
Variable-Length Shift Register
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
1-to-64-bit Variable Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
4/8-bit Variable Length Shift Register
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com