Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2011AR3C Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # TMC2011AR3C
Description  Variable-Length Shift Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2011AR3C Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  TMC2011AR3C Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
TMC2011A/2111A
3
Pin Descriptions – TMC2011A
Pin Name
Pin Number
Pin Function Description
DIP
PLCC
Power
VDD
78
Supply Voltage. The TMC2011A and operates from a single +5V supply.
All power and ground lines must be connected.
GND
18
21,22
Ground. The TMC2011A operates from a single +5V supply. All power
and ground lines must be connected.
Data Inputs
DI7-0
12,11,10,
9,4,3,2,1
14,13,12,
10,5,4,3,2
Data Input. Eight inputs are provided for the data, which pass through the
shift register unchanged. The eight inputs on the TMC2011A are divided
into two groups of four bits to allow mixed delay operation. The lengths of
these two groups are different when the Mode Control (MC) is HIGH (see
Table 1). When MC is LOW both groups have equal delays.
Data Outputs
DO7-0
13,14,15,
16,21,22,
23,24
15,16,17,
18,26,27,
28,1
Data Output. The outputs of the shift register are delayed relative to the
input signals. The amount of the delay is programmable (see Table 1).
The outputs remain valid for a minimum of tHO nanoseconds after the
leading edge of CLK. This allow the data to be latched into circuits with
non-zero hold time requirements.
Controls
CLK
8
9
Master Clock. All inputs and outputs are synchronous and operate from a
single master clock. All operations occur on the rising edge of the master
clock.
L3-0
19,20,6,5
23,24,7,6
Length Select. The length select input is used to determine the register
delay of the TMC2011A. This input is registered and affects the output tDO
after the clock edge after it is input to the device (see Timing Diagram).
Delay lengths are specified in Table 1.
MC
17
20
Mode Control. The Mode Control is used to select the special 4-bit wide
split mode. When HIGH, the delay on DO7-4 is fixed at 18 stages, while
DO3-0 have the delay specified by the length select. When MC is LOW, all
eight bits have equal delays as specified by the length select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com