Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2011AR3C Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # TMC2011AR3C
Description  Variable-Length Shift Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2011AR3C Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button TMC2011AR3C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2011AR3C Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRODUCT SPECIFICATION
TMC2011A/2111A
9
Mechanical Dimensions
24-Lead Ceramic DIP Package
A
—
.200
—
5.08
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b1
.014
.023
.36
.58
.065
1.65
b2
.045
1.14
c1
.008
.015
.20
.38
E
.220
.310
5.59
7.87
e
.100 BSC
2.54 BSC
L
.125
.200
3.18
5.08
.015
.060
.38
1.52
.005
—
.13
—
3
6
8
4
8
2, 8
4
5
eA
.300 BSC
7.62 BSC
7
Q
s1
90
¡
105
¡
90
¡
105
¡
a
D
—
1.280
—
32.51
Notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Index area: a notch or a pin one identification mark shall be located
adjacent to pin one. The manufacturer's identification shall not be
used as pin one identification mark.
The minimum limit for dimension "b2" may be .023 (.58mm) for leads
number 1, 12, 13 and 24 only.
Dimension "Q" shall be measured from the seating plane to the base
plane.
This dimension allows for off-center lid, meniscus and glass overrun.
The basic pin spacing is .100 (2.54mm) between centerlines. Each
pin centerline shall be located within
±.010 (.25mm) of its exact
longitudinal position relative to pins 1 and 24.
Applies to all four corners (leads number 1, 12, 13, and 24).
"eA" shall be measured at the center of the lead bends or at the
centerline of the leads when "
a" is 90¡.
All leads – Increase maximum limit by .003 (.08mm) measured at the
center of the flat, when lead finish applied.
Twenty-two spaces.
NOTE 1
D
12
1
s1
b2
e
b1
E
Q
A
L
13
24
eA
c1
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com