Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 89 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 89 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 85Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 86Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 87Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 88Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 89Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 90Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 91Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 92Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 93Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
89
Fundamental Energy
Fundamental Energy Overflow Flags, Phase X = A/B/C (X.EFOVER)
(A: 0x147, B: 0x233, C: 0x31F)
These bits indicate an overflow condition has occurred on a fundamental frequency energy accumulator. An over-
flow condition is not an error condition. Rather, it simply indicates that the value in the energy accumulator could be
smaller than the previous reading due to the overflow in the counter. To obtain the actual energy usage since the
previous reading, 0x100000000 must be added to the difference. These bits, once set, can be cleared only by the
host.
Energy, Fundamental, Real Positive, Phase X = A/B/C (X.EAFPOS)
(A: 0x1FC, B: 0x2D4, C: 0x3D4)
On every DSP cycle, the contents of the X.ACTF register are tested, and if positive, are added to this register. When
this register overflows, the APFOV bit in the X.EFOVER register is set.
BIT
NAME
FUNCTION
7:5
—
Reserved.
4
SFOV
When set, indicates an overflow condition on the apparent fundamental-mode energy accumulator.
3
RNFOV
When set, indicates an overflow condition on the reactive negative fundamental-mode energy accumulator.
2
RPFOV
When set, indicates an overflow condition on the reactive positive fundamental-mode energy accumulator.
1
ANFOV
When set, indicates an overflow condition on the real negative fundamental-mode energy accumulator.
0
APFOV
When set, indicates an overflow condition on the real positive fundamental-mode energy accumulator.
Bit:
7
6
5
4
3
2
1
0
Name:
—
—
—
SFOV
RNFOV
RPFOV
ANFOV
APFOV
Reset:
0
0
0
0
0
0
0
0
Bit:
31
30
29
28
27
26
25
24
Name:
Real Energy Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
Real Energy Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
Real Energy Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
Real Energy Byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com