Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
29
Operating Mode Register 1 (OPMODE1) (0x002)
BIT
NAME
FUNCTION
7:4
—
Reserved.
3
CRCEN
If set, a 1-byte CRC is appended to the end of each SPI read and is expected at the end of each SPI
write. See the Communication Protocol section for details about how to use the CRC byte for error
checking on the SPI bus.
2
POPOL
This bit sets the polarity of the output pulse generators. If clear, the pulse outputs are active low; that is,
they remain in the high state until a pulse event occurs, at which time they switch low for one pulse-width
interval before reverting to the high state. If set, the pulse outputs are active high; that is, they remain in
the low state until a pulse event occurs, at which time they switch to the high state for one pulse-width
interval before reverting to the low state.
Bit:
7
6
5
4
3
2
1
0
Name:
—
—
—
—
CRCEN
POPOL
CONCFG
Reset:
0
0
0
0
0
0
0x0
Operating Mode Register 0 (OPMODE0) (0x001)
BIT
NAME
FUNCTION
7:5, 0
—
Reserved.
4
EXTCLK
When set, the high-frequency crystal oscillator is disabled and the XTAL1 pin is configured to be a
clock input for the device. This is used when it is desired to operate multiple devices from the same
clock source for purposes of maintaining synchronization.
3
SWRES
When set, forces the internal software to restart from the reset vector. This has the same effect as a
power-on reset, but does not specifically reset any hardware peripherals. This bit is automatically
cleared after the reset.
2
DSPDIS
When set, disables the signal processing software routines. The CPU continues to run at full speed,
but only to perform supervisory functions (such as servicing the SPI port).
1
LOWPM
When set, causes the CPU to switch its clock source from the external crystal to an internal ring oscillator
that operates at a nominal frequency of 1MHz. In this mode, the CPU continues to run, but the host must
reconfigure the parameters configured for crystal operation (such as filter settings, timeouts, and pulse
widths).
Bit:
7
6
5
4
3
2
1
0
Name:
—
—
—
EXTCLK
SWRES
DSPDIS
LOWPM
—
Reset:
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com