Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
34
______________________________________________________________________________________
Interrupt Mask Register (IRQ_MASK) (0x006)
BIT
NAME
FUNCTION
15
EDSPOR
When set, this flag causes the IRQ pin to become active.
14
EDSPRDY
When set, the DSPRDY flag causes the IRQ pin to become active.
13
EDCHR
When set, this flag causes the IRQ pin to become active when the direction of reactive energy flow has
been observed to have changed (that is, from capacitive to inductive or from inductive to capacitive).
12
EDCHA
When set, this flag causes the IRQ pin to become active when the direction of real energy flow has
been observed to have changed (that is, from toward the load to away from the load, or from away from
the load to toward the load).
11
ENOZX
When set, this flag causes the IRQ pin to become active when the MAXQ3180 has failed to detect zero
crossings on one or more voltage channels for at least one DSP cycle.
10
EUV
When set, this flag causes the IRQ pin to become active when the absolute instantaneous voltage
level in one or more voltage channels failed to exceed the trip level set in the UVLVL (Undervoltage
Level) register for one DSP cycle.
9
EOV
When set, this flag causes the IRQ pin to become active when the absolute instantaneous voltage
level in one or more voltage channels has exceeded the trip level set in the OVLVL (Overvoltage Level)
register.
8
EOC
When set, this flag causes the IRQ pin to become active when absolute instantaneous current in one
or more current channels has exceeded the trip level set in the OCLVL (Overcurrent Level) register.
7:3
—
Reserved.
2
EEOVF
When set, this flag causes the IRQ pin to become active when one or more energy accumulators have
an overflow condition from their MSB.
1
ECHSCH
When set, this flag enables the IRQ pin to become active when a CHECKSUM change is detected.
0
EPWRF
When set, this flag causes the IRQ pin to become active when a power-supply failure is imminent and
the supervisory processor should begin taking steps to save its state and prepare for a loss of power.
Bit:
15
14
13
12
11
10
9
8
Name:
EDSPOR
EDSPRDY
EDCHR
EDCHA
ENOZX
EUV
EOV
EOC
Reset:
0
0
0
0
0
0
0
0
Bit:
7
6
5
4
3
2
1
0
Name:
—
—
—
—
—
EEOVF
ECHSCH
EPWRF
Reset:
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com