Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
42
______________________________________________________________________________________
Phase Status Registers
Interrupt Flags, Phase X = A/B/C (X.FLAGS) (A: 0x144, B: 0x230, C: 0x31C)
The X.FLAGS register contains condition flags that relate to the function of phase X (A/B/C) measurements. Once
set, these bits can be cleared only by the host.
Bit:
7
6
5
4
3
2
1
0
Name:
—
—
DCHRF
DCHAF
NOZXF
UVF
OVF
OCF
Reset:
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7:6
—
Reserved.
5
DCHRF
Reactive Energy Direction Change. Set when the direction of reactive power flow changes (from
capacitive to inductive or from inductive to capacitive). If the DCHRM bit is set, this bit sets the DCHR flag
in the IRQ_FLAGS register.
4
DCHAF
Real Energy Direction Change. Set when the direction of real power flow changes (from toward the load
to toward the line, or from toward the line to toward the load). If the DCHAM bit is set, this bit sets the
DCHA flag in the IRQ_FLAGS register.
3
NOZXF
No-Zero Crossing. Set when the voltage waveform in phase X fails to exhibit a zero crossing during
NZX_TIMO of the ADC sample periods. If the NOZXM bit is set, this bit sets the NOZX flag in the
IRQ_FLAG register.
2
UVF
Undervoltage. Set when the RMS voltage in phase X falls below the undervoltage threshold set in
UVLVL. If the UVM bit is set, this bit sets the UV flag in the IRQ_FLAG register.
1
OVF
Overvoltage. Set when the RMS voltage in phase X exceeds the overvoltage threshold set in OVLVL. If
the OVM bit is set, this bit sets the OV flag in the IRQ_FLAG register.
0
OCF
Overcurrent. Set when the RMS current in phase X exceeds the overcurrent threshold set in OCLVL. If
the OCM bit is set, this bit sets the OC flag in the IRQ_FLAG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com