Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXQ3180-RAN+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
General Description
The MAXQ3180 is a dedicated electricity measurement
front-end that collects and calculates polyphase volt-
age, current, power, energy, and many other metering
and power-quality parameters of a polyphase load. The
computed results can be retrieved by an external mas-
ter through the on-chip serial peripheral interface
(SPI™) bus. This bus is also used by the external mas-
ter to configure the operation of the MAXQ3180 and
monitor the status of operations.
The MAXQ3180 performs voltage and current measure-
ments using an integrated ADC that can measure up to
seven external differential signal pairs. An eighth differ-
ential signal pair is used to measure the die tempera-
ture. An internal amplifier automatically adjusts the
current channel gain to compensate for low-current
channel-signal levels.
Applications
3-Phase Multifunction Electricity Meters
Features
♦ Compatible with 3-Phase/3-Wire, 3-Phase/4-Wire,
and Other 3-Phase Services
♦ Active Power and Energy of Each Phase and
Combined 3-Phase (KWh), Positive and Negative
♦ Reactive Power and Energy of Each Phase and
Combined, Positive and Negative
♦ Apparent Power and Energy of Each Phase and
Combined 3-Phase
♦ Neutral Line Current Measurement
♦ Line Frequency (Hz)
♦ Power Factors
♦ Voltage Phasor Angles
♦ Phase Sequence Indication
♦ Phase Voltage Absence Detection
♦ Voltage and Current Harmonic Measurement
♦ Fundamental and Total Power and Energy
♦ Two Pulse Outputs: Configurable for Active,
Reactive, and Apparent Powers
♦ Programmable Pulse Widths
♦ Programmable No-Load Current Threshold
♦ Programmable Meter Constants
♦ Programmable Thresholds for Undervoltage and
Overvoltage Detection
♦ Programmable Threshold for Overcurrent Detection
♦ Amp-Hours in Absence of Voltage Signals
♦ On-Chip Digital Temperature Sensor
♦ Precision Internal Voltage Reference 2.048V
(30ppm/°C typical), Also Supports An External
Voltage Reference
♦ Supports Software Meter Calibration
♦ Up to 3-Point Multipoint Calibration to
Compensate for Transducer Nonlinearity
♦ Power-Fail Detection
♦ Bidirectional Reset Input/Output
♦ SPI-Compatible Serial Interface with Interrupt
Request (IRQ) Output
♦ Single 3.3V Supply, Low Power (35mW typical)
Low-Power, Multifunction, Polyphase AFE
________________________________________________________________
Maxim Integrated Products
1
19-4674; Rev 2; 8/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be
simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.
MAXQ is a registered trademark of Maxim Integrated Products, Inc.
SPI is a trademark of Motorola, Inc.
Ordering Information
+
Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-PACKAGE
MAXQ3180-RAN+
-40
°C to +85°C
28 TSSOP
Pin Configuration and Typical Application Circuit appear at
end of data sheet.


Similar Part No. - MAXQ3180-RAN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3180-RAN+ MAXIM-MAXQ3180-RAN+ Datasheet
529Kb / 48P
Low-Power, Multifunction, Polyphase AFE
Rev 0; 2/08
MAXQ3180-RAN+ MAXIM-MAXQ3180-RAN+ Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
More results

Similar Description - MAXQ3180-RAN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3180 MAXIM-MAXQ3180 Datasheet
529Kb / 48P
Low-Power, Multifunction, Polyphase AFE
Rev 0; 2/08
MAXQ3180_0912 MAXIM-MAXQ3180_0912 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
MAXQ3181 MAXIM-MAXQ3181 Datasheet
904Kb / 84P
Low-Power, Active Energy, Polyphase AFE
Rev 1; 12/09
MAXQ3183 MAXIM-MAXQ3183 Datasheet
1Mb / 102P
Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
Rev 0; 12/09
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7754 AD-ADE7754_15 Datasheet
530Kb / 44P
Polyphase Multifunction Energy Metering IC with Serial Port
REV. 0
logo
Texas Instruments
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com