Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC652EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC652EVB
Description  Backlight Driver for 5 LEDs with Charge Pump and PWM Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC652EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC652EVB Datasheet HTML 1Page - Semtech Corporation SC652EVB Datasheet HTML 2Page - Semtech Corporation SC652EVB Datasheet HTML 3Page - Semtech Corporation SC652EVB Datasheet HTML 4Page - Semtech Corporation SC652EVB Datasheet HTML 5Page - Semtech Corporation SC652EVB Datasheet HTML 6Page - Semtech Corporation SC652EVB Datasheet HTML 7Page - Semtech Corporation SC652EVB Datasheet HTML 8Page - Semtech Corporation SC652EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SC652
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Transition Settling Time
t
s
Duty cycle change from 100% to 50%(1)(4)
0.5
s
EN/PWM Low Time
t
LT
Time that voltage on the EN/PWM pin can be low
without disabling the device
5ms
1x Mode to 1.5x Mode
Falling Transition Voltage
V
TRANS1x
I
OUT
= 50mA, I
BLn
= 10mA, V
OUT
= 3.2V
3.25
V
1.5x Mode to 1x Mode
Hysteresis
V
HYST1x
I
OUT
= 50mA, I
BLn
= 10mA, V
OUT
= 3.2V
300
mV
1.5x Mode to 2x Mode
Falling Transition Voltage
V
TRANS1.5x
I
OUT
= 50mA, I
BLn
= 10mA, V
OUT
= 4.0V(5)
2.9
V
2x Mode to 1.5x Mode Hysteresis
V
HYST1.5x
I
OUT
= 50mA, I
BLn
= 10mA, V
OUT
= 4.0V(5)
500
mV
Current Sink Off-State
Leakage Current
I
BLn(off )
V
IN
= V
BLn
= 4.2V
0.1
1
μA
Charge Pump Frequency
f
PUMP
V
IN
= 3.2V
250
kHz
Output Short Circuit Current Limit
I
OUT(SC)
OUT pin shorted to GND
45
mA
V
OUT
> 2.5V
400
Under Voltage Lockout Threshold
V
UVLO-OFF
Increasing V
IN
— lockout released
2.4
V
UVLO Hysteresis
V
UVLO-HYS
500
mV
Over-Voltage Protection
V
OVP
OUT pin open circuit, V
OUT
= V
OVP
— rising threshold
5.7
6.0
V
Over-Temperature
T
OT
Rising Temperature
165
°C
OT Hysteresis
T
OT-HYS
25
°C
Input High Threshold (6)
V
IH
V
IN
= 5.5V
1.4
V
Input Low Threshold (6)
V
IL
V
IN
= 2.9V
0.4
V
Input High Current (6)
I
IH
V
IN
= 5.5V
1
μA
Input Low Current (6)
I
IL
V
IN
= 5.5V
1
μA
Electrical Characteristics (continued)
Notes:
(1) Guaranteed by design
(2) Current matching equals ± [I
BL(MAX)
- I
BL(MIN
] / [I
BL(MAX)
+ I
BL(MIN)
].
(3) t
HIGH_MIN
is the minimum time needed for accurate PWM sampling.
(4) The settling time is affected by the magnitude of change in the PWM duty cycle.
(5) Test voltage is V
OUT
= 4.0V — a relatively extreme LED voltage used to force a transition during test. Typically V
OUT
= 3.2V for white LEDs.
(6) Applied to EN/PWM pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com