Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC652EVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC652EVB
Description  Backlight Driver for 5 LEDs with Charge Pump and PWM Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC652EVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC652EVB Datasheet HTML 8Page - Semtech Corporation SC652EVB Datasheet HTML 9Page - Semtech Corporation SC652EVB Datasheet HTML 10Page - Semtech Corporation SC652EVB Datasheet HTML 11Page - Semtech Corporation SC652EVB Datasheet HTML 12Page - Semtech Corporation SC652EVB Datasheet HTML 13Page - Semtech Corporation SC652EVB Datasheet HTML 14Page - Semtech Corporation SC652EVB Datasheet HTML 15Page - Semtech Corporation SC652EVB Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SC652
14
PCB Layout Considerations
The layout diagram in Figure 2 illustrates a proper two
layer PCB layout for the SC652 and supporting compo-
nents. Following fundamental layout rules is critical for
achieving the performance specified in the Electrical
Characteristics table. The following guidelines are rec-
ommended when developing a PCB layout:
Place all bucket and decoupling capacitors —
C1, C2, C
IN
, and C
OUT
— as close to the device as
possible.
All charge pump current passes through pins
IN, OUT, C1+, C2+, C1-, and C2-. Therefore,
ensure that all connections to these pins make
use of wide traces so that the voltage drop on
each connection is minimized.
The GND pin should be connected to a ground
plane using multiple vias to ensure proper
thermal connection for optimal heat transfer.
Make solid ground connections between the
grounds of the C
OUT
, C
IN
, and the GND pin on the
device.
Resistor R
SET
should be connected as shown in
Figure 2, close to pins IN and ISET. The place-
ment and routing shown minimizes parasitic
capacitance at the ISET pin.
C1
C2
IN
OUT
GND
CIN
Ground Plane
COUT
GND
BL1
BL2
IN
SC652
ISET
OUT
RSET
GND
Figure 2 — Recommended PCB Layout
Figure 3 shows the pads on layer 1 that should
be connected with vias to layer 2. C
IN
, C
OUT
and
the GND pin all use vias to connect to the
ground plane. The OUT pin also uses vias and
routes on layer 2.
•
•
•
•
•
•
Applications Information (continued)
Figure 4 shows layer 2, and has only two net
connections, GND and OUT. Note that OUT is
routed around the GND pin, and does not
interfere with the ground connections between
C
IN
, C
OUT
and the GND pin. Also, layer 2 has a
blank void in the copper beneath the ISET
trace. The blank space reduces the capacitance
coupled to the ISET pin.
Figure 3 — Layer 1
Figure 4 — Layer 2
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com