Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC652EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC652EVB
Description  Backlight Driver for 5 LEDs with Charge Pump and PWM Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC652EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC652EVB Datasheet HTML 8Page - Semtech Corporation SC652EVB Datasheet HTML 9Page - Semtech Corporation SC652EVB Datasheet HTML 10Page - Semtech Corporation SC652EVB Datasheet HTML 11Page - Semtech Corporation SC652EVB Datasheet HTML 12Page - Semtech Corporation SC652EVB Datasheet HTML 13Page - Semtech Corporation SC652EVB Datasheet HTML 14Page - Semtech Corporation SC652EVB Datasheet HTML 15Page - Semtech Corporation SC652EVB Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SC652
13
Applications Information (continued)
average current. Providing a DC current through the
LEDs instead of a pulsed current provides an efficiency
advantage over other PWM controlled systems by allow-
ing the charge pump to remain in 1x mode longer
because the maximum current is equal to the average
current.
PWM Sampling
The sampling system that translates the PWM signal to
a DC current requires the EN/PWM pin to have a
minimum high time t
HIGH_MIN
to set the DC level. High
time less than t
HIGH_MIN
impacts the accuracy of the target
I
BL
. The minimum duty cycle needed to support the
minimum high time specification varies with the applied
PWM frequency (see figure 1). Note that use of a lower
PWM frequency, from 200Hz to 10kHz, will support
lower minimum duty cycle and an extended backlight
dimming range.
0
1
2
3
4
5
010
20
30
40
50
PWM Frequency (kHz)
tHIGH_MIN = 1μs
Figure 1 — Minimum Duty Cycle
Shutdown Mode
The device is disabled when the EN/PWM pin is held low
for 7ms or longer.
Protection Features
The SC652 provides several protection features to safe-
guard the device from catastrophic failures. These features
include:
Output Open Circuit Protection
Over-Temperature Protection
Charge Pump Output Current Limit
LED Float Detection
Output Open Circuit Protection
Over-Voltage Protection (OVP) at the OUT pin prevents
the charge pump from producing an excessively high
output voltage. In the event of an open circuit between
the OUT pin and all current sinks (no loads connected),
the charge pump runs in open loop and the voltage rises
up to the OVP limit. OVP operation is hysteretic, meaning
the charge pump will momentarily turn off until V
OUT
is
sufficiently reduced. The maximum OVP threshold is 6.0V,
allowing the use of a ceramic output capacitor rated
at 6.3V.
Over-Temperature Protection
The Over-Temperature (OT) protection circuit prevents
the device from overheating and experiencing a cata-
strophic failure. When the junction temperature exceeds
165°C, the device goes into thermal shutdown with all
outputs disabled until the junction temperature is
reduced. All register information is retained during
thermal shutdown. Hysteresis of 20°C is provided to
ensure that the device cools sufficiently before
re-enabling.
Charge Pump Output Current Limit
The device limits the charge pump current at the OUT
pin. If the OUT pin is shorted to ground, or V
OUT
is lower
than 2.5V, the typical output current limit is 45mA. The
typical output current is limited to 400mA when over
loaded resistively with V
OUT
greater than 2.5V.
LED Float Detection
Float detect is a fault detection feature of the LED back-
light outputs. If an output is programmed to be enabled
and an open circuit fault occurs at any backlight output,
that output will be disabled to prevent a sustained
output OVP condition from occurring due to the result-
ing open loop. Float detect ensures device protection
but does not ensure optimum performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com