Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC652EVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC652EVB
Description  Backlight Driver for 5 LEDs with Charge Pump and PWM Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC652EVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC652EVB Datasheet HTML 1Page - Semtech Corporation SC652EVB Datasheet HTML 2Page - Semtech Corporation SC652EVB Datasheet HTML 3Page - Semtech Corporation SC652EVB Datasheet HTML 4Page - Semtech Corporation SC652EVB Datasheet HTML 5Page - Semtech Corporation SC652EVB Datasheet HTML 6Page - Semtech Corporation SC652EVB Datasheet HTML 7Page - Semtech Corporation SC652EVB Datasheet HTML 8Page - Semtech Corporation SC652EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SC652
5
Typical Characteristics
Backlight Accuracy (5 LEDs) — 12mA Each
Backlight Accuracy (5 LEDs) — 0.5mA Each
Backlight Accuracy (5 LEDs) — 25mA Each
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
MAX LED
MIN LED
VOUT = 3.64V, IOUT = 125mA, 25°C
Backlight Matching (5 LEDs) — 12mA Each
Backlight Matching (5 LEDs) — 0.5mA Each
Backlight Matching (5 LEDs) — 25mA Each
VOUT = 3.50V, IOUT = 60mA, 25°C
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
MAX LED
MIN LED
VOUT = 3.09V, IOUT = 2.5mA, 25°C
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
MAX LED
MIN LED
VOUT = 3.64V, IOUT = 125mA, 25°C
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 3.50V, IOUT = 60mA, 25°C
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 3.09V, IOUT = 2.5mA, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com