Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC652EVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC652EVB
Description  Backlight Driver for 5 LEDs with Charge Pump and PWM Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC652EVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC652EVB Datasheet HTML 8Page - Semtech Corporation SC652EVB Datasheet HTML 9Page - Semtech Corporation SC652EVB Datasheet HTML 10Page - Semtech Corporation SC652EVB Datasheet HTML 11Page - Semtech Corporation SC652EVB Datasheet HTML 12Page - Semtech Corporation SC652EVB Datasheet HTML 13Page - Semtech Corporation SC652EVB Datasheet HTML 14Page - Semtech Corporation SC652EVB Datasheet HTML 15Page - Semtech Corporation SC652EVB Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SC652
12
General Description
This design is optimized for handheld applications sup-
plied from a single Li-Ion cell and includes the following
key features:
A high efficiency fractional charge pump that
supplies power to all LEDs
Five matched current sinks that control LED
backlighting current, providing 500μA to 25mA
per LED
EN/PWM pin functions as an enable and pro-
vides PWM control of the LED brightness
High Current Fractional Charge Pump
The backlight outputs are supported by a high efficiency,
high current fractional charge pump output. The charge
pump multiplies the input voltage by 1, 1.5, or 2 times.
The charge pump switches at a fixed frequency of 250kHz
in 1.5x and 2x modes and is disabled in 1x mode to save
power and improve efficiency.
The mode selection circuit automatically selects the
mode as 1x, 1.5x, or 2x based on circuit conditions such
as LED voltage, input voltage, and load current. The 1x
mode is the most efficient of the three modes, followed
by 1.5x and 2x modes. Circuit conditions such as low
input voltage, high output current, or high LED voltage
place a higher demand on the charge pump output. A
higher numerical mode (1.5x or 2x) may be needed
momentarily to maintain regulation at the OUT pin
during intervals of high demand. The charge pump
responds to momentary high demands, setting the
charge pump to the optimum mode to deliver the output
voltage and load current while optimizing efficiency.
Hysteresis is provided to prevent mode toggling.
The charge pump requires two bucket capacitors for
proper operation. One capacitor must be connected
between the C1+ and C1- pins and the other must be con-
nected between the C2+ and C2- pins as shown in the
Typical Application Circuit diagram. These capacitors
should be equal in value, with a minimum capacitance of
1μF to support the charge pump current requirements.
The device also requires at least 1μF capacitance on the IN
pin and at least 1μF capacitance on the OUT pin to mini-
•
•
•
mize noise and support the output drive requirements of
I
OUT
up to 90mA. For output currents higher than 90mA, a
nominal value of 4.7μF is recommended for C
OUT
and C
IN
.
Capacitors with X7R or X5R ceramic dielectric are
strongly recommended for their low ESR and superior
temperature and voltage characteristics. Y5V capacitors
should not be used as their temperature coefficients
make them unsuitable for this application.
It is important that the minimum value of the capacitors
used is no lower than 1μF. This may require the use of
2.2μF capacitors to be sure that the degradation of
capacitance due to DC voltage does not cause the
capacitance to go below 1μF.
LED Backlight Current Sinks
The full scale backlight current (I
FS_BL
) is set via the
current through the ISET pin (I
ISET
). I
FS_BL
is regulated to
the value of I
ISET
multiplied by an internal gain of 100A/A.
R
ISET
is used to control the current through the ISET pin.
The relationship between R
ISET
and the full scale back-
light current is:
R
ISET
= 100/I
FS_BL
All backlight current sinks have matched currents, even
when there is a variation in the forward voltages (ΔV
F
)
of the LEDs. A ΔV
F
of 1.0V is supported when the input
voltage is at 2.9V. Higher ΔV
F
LED mis-match is sup-
ported when V
IN
is higher than 2.9V. All current sink
outputs are compared and the lowest output is used for
setting the voltage regulation at the OUT pin. This is
done to ensure that sufficient bias exists for all LEDs.
Any unused outputs must be left open and unused LED
drivers will remain disabled.
PWM Operation
A PWM signal can be used to adjust the DC current
through the LEDs. When the duty cycle is 100%, the
backlight current through each LED (I
BL
) equals the full
scale current set by R
ISET
. As the duty cycle decreases, the
EN/PWM input samples the control signal and converts
the duty cycle to a DC current level. In conventional
PWM controlled systems, the output current pulses on
and off with the PWM input to achieve an effective
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com