Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 8 Page - Advanced Monolithic Systems

Part # LP2950
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2950 Datasheet(HTML) 8 Page - Advanced Monolithic Systems

Back Button LP2950 Datasheet HTML 4Page - Advanced Monolithic Systems LP2950 Datasheet HTML 5Page - Advanced Monolithic Systems LP2950 Datasheet HTML 6Page - Advanced Monolithic Systems LP2950 Datasheet HTML 7Page - Advanced Monolithic Systems LP2950 Datasheet HTML 8Page - Advanced Monolithic Systems LP2950 Datasheet HTML 9Page - Advanced Monolithic Systems LP2950 Datasheet HTML 10Page - Advanced Monolithic Systems LP2950 Datasheet HTML 11Page - Advanced Monolithic Systems LP2950 Datasheet HTML 12Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
LP2950/LP2951
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-75
0
25 50 75 100 125
1.8
1.2
150
Shutdown Treshold Voltage
TEMPERATURE (° C)
1.6
1.0
0.6
-50 -25
1.4
0.8
REGULATOR OFF
05
10
15
20
25
0
120
80
40
LP2951 Maximum Rated
Output Current
30
INPUT VOLTAGE (V)
20
100
60
0
5
Thermal Response
0
1
-2
2
4
TIME (
µs)
10
20
30
40
50
0
-1
515
20
25
30
0
30
Line Regulation
INPUT VOLTAGE (V)
10
-10
10
I
L= 100µA
10
-5
5
0
~
~
5
25
20
15
05
10
15
20
25
0
120
80
40
LP2950 Maximum Rated
Output Current
30
INPUT VOLTAGE (V)
20
100
60
~
~
1.25W
T
A= 25° C
T
A= 50° C
T
A= 25° C
T
A= 85° C
T
A= 85° C
T
JMAX= 125° C
V
OUT = 5V
8 PIN MOLDED
DIP SOLDERED
TO PC BOARD
REGULATOR ON
TO-92 PACKAGE
.25"LEADS SOLDERED
TO PC BOARD
T
JMAX= 125° C
I
L= 1mA
I
L= 100µA
T
J = 150° C
T
J = 125° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com