Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # LP2950
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2950 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  LP2950 Datasheet HTML 1Page - Advanced Monolithic Systems LP2950 Datasheet HTML 2Page - Advanced Monolithic Systems LP2950 Datasheet HTML 3Page - Advanced Monolithic Systems LP2950 Datasheet HTML 4Page - Advanced Monolithic Systems LP2950 Datasheet HTML 5Page - Advanced Monolithic Systems LP2950 Datasheet HTML 6Page - Advanced Monolithic Systems LP2950 Datasheet HTML 7Page - Advanced Monolithic Systems LP2950 Datasheet HTML 8Page - Advanced Monolithic Systems LP2950 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
LP2950/LP2951
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Supply Voltage
-0.3 to +30V
OPERATING RATINGS
(Note 1)
SHUTDOWN Input Voltage,
Error Comparator Output
Max. Input Supply Voltage
30V
Voltage,(Note 9)
Junction Temperature Range
FEEDBACK Input Voltage
-1.5 to +30V
(TJ) (Note 8)
(Note 9) (Note 10)
LP2950AC-XX, LP2950C-XX
Power Dissipation
Internally Limited
LP2951AC-XX, LP2951C-XX
-40
°C to +125°C
Junction Temperature
+150
°C
Storage Temperature
-65
°C to +150°C
Soldering Temperature (25 sec)
260
°C
ELECTRICAL CHARACTERISTICS at Vs=Vout+1V, Ta=25°C, unless otherwise noted.
Parameter
Conditions
(Note 2)
LP2950AC
LP2951AC
Min.
Typ.
Max.
LP2950C
LP2951C
Min.
Typ.
Max.
Units
3 V Versions (Note 16)
Output Voltage
TJ = 25°C
(Note 3)
-25°C
≤T
J ≤85°C
Full Operating Temperature
Range
2.985
2.970
2.964
3.0
3.0
3.0
3.015
3.030
3.036
2.970
2.955
2.940
3.0
3.0
3.0
3.030
3.045
3.060
V
V
V
Output Voltage
100
µA ≤I
L ≤100 mA
TJ ≤TJMAX
2.958
3.0
3.042
2.928
3.0
3.072
V
3.3 V Versions (Note 16)
Output Voltage
TJ = 25°C
(Note 3)
-25°C
≤T
J ≤85°C
Full Operating Temperature
Range
3.284
3.267
3.260
3.3
3.3
3.3
3.317
3.333
3.340
3.267
3.251
3.234
3.3
3.3
3.3
3.333
3.350
3.366
V
V
V
Output Voltage
100
µA ≤I
L ≤100 mA
TJ ≤TJMAX
3.254
3.3
3.346
3.221
3.3
3.379
V
5 V Versions (Note 16)
Output Voltage
TJ = 25°C
(Note 3)
-25°C
≤T
J ≤85°C
Full Operating Temperature
Range
4.975
4.95
4.94
5.0
5.0
5.0
5.025
5.050
5.06
4.95
4.925
4.90
5.0
5.0
5.0
5.05
5.075
5.10
V
V
V
Output Voltage
100
µA ≤I
L ≤100 mA
TJ ≤TJMAX
4.925
5.0
5.075
4.88
5.0
5.12
V
All Voltage Options
Output Voltage
Temperature Coefficient
(Note 12) (Note 4)
20
50
ppm/°C
Line Regulation (Note 14)
6V
≤V
in ≤30V (Note 15)
0.03
0.1
0.04
0.2
%
Load Regulation (Note 14)
100
µA ≤I
L ≤ 100 mA
0.04
0.1
0.1
0.2
%
Dropout Voltage
(Note 5)
IL = 100µ A
IL = 100 mA
50
380
80
450
50
380
80
450
mV
mV
Ground Current
IL = 100 µA
IL = 100 mA
75
8
120
12
75
8
120
12
µA
mA
Current Limit
Vout = 0
160
200
160
200
mA
Thermal Regulation
(Note 13)
0.05
0.2
0.05
0.2
%/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com