Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # LP2950
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2950 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  LP2950 Datasheet HTML 1Page - Advanced Monolithic Systems LP2950 Datasheet HTML 2Page - Advanced Monolithic Systems LP2950 Datasheet HTML 3Page - Advanced Monolithic Systems LP2950 Datasheet HTML 4Page - Advanced Monolithic Systems LP2950 Datasheet HTML 5Page - Advanced Monolithic Systems LP2950 Datasheet HTML 6Page - Advanced Monolithic Systems LP2950 Datasheet HTML 7Page - Advanced Monolithic Systems LP2950 Datasheet HTML 8Page - Advanced Monolithic Systems LP2950 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
LP2950/LP2951
Monolithic
100mA LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• 5V, 3.3V, and 3V Versions at 100mA Output Current
• Battery Powered Systems
• High Accuracy Output Voltage
• Portable Consumer Equipment
• Extremely Low Quiescent Current
• Cordless Telephones
• Low Dropout Voltage
• Portable (Notebook) Computers
• Extremely Tight Load and Line Regulation
• Portable Instrumentation
• Very Low Temperature Coefficient
• Radio Control Systems
• Current and Thermal Limiting
• Automotive Electronics
• Needs Minimum Capacitance (1µF) for Stability
• Avionics
• Unregulated DC Positive Transients 60V
• Low-Power Voltage Reference
ADDITIONAL FEATURES (LP2951 ONLY)
• 1.24V to 29V Programmable Output
• Error Flag Warning of Voltage Output Dropout
• Logic Controlled Electronic Shutdown
GENERAL DESCRIPTION
The LP2950 and LP2951 are micropower voltage regulators ideally suited for use in battery-powered systems. These devices
feature very low quiescent current (typ.75µA), and very low dropout voltage (typ.45mV at light loads and 380mV at 100mA)
thus prolonging battery life. The quiescent current increases only slightly in dropout. The LP2950/LP2951 has positive
transient protection up to 60V and can survive unregulated input transient up to 20V below ground.
The LP2950 and LP2951 were designed to include a tight initial tolerance (typ. 0.5%), excellent load and line regulation (typ.
0.05%), and a very low output voltage temperature coefficient, making these devices useful as a low-power voltage reference.
The LP2950 is offered in the 3-pin TO-92 package. LP2951 is available in 8-pin plastic SOIC and DIP packages and offers
three major additional system features. An error flag output warns of a low output voltage, often due to failing batteries on
input. The LP2951 also features the logic-compatible shutdown input which enables the regulator to be switched on and off.
The LP2951 device may be pin-strapped for a 5V, 3.3V, or 3V output, or programmed from 1.24V to 29V with an external
pair of resistors.
ORDERING INFORMATION
PIN CONNECTION
PACKAGE TYPE
OPERATING
TO-92
8 LEAD PDIP
8 LEAD SOIC
TEMP. RANGE
LP2950ACN-X LP2951ACP-X
LP2951ACS-X
IND.
LP2950CN-X
LP2951CP-X
LP2951CS-X
IND
X = 3.3V, or 3V
8L SOIC/ 8L PDIP
1
2
8
4
3
7
5
6V
TAP
ERROR
FEEDBACK
OUTPUT
SENSE
SHUTDOWN
INPUT
GROUND
Top View
TO-92
OUTPUT
INPUT
GND
Bottom View


Similar Part No. - LP2950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950 ONSEMI-LP2950 Datasheet
289Kb / 16P
Micropower Voltage Regulators
October, 1999 ??Rev. 5
logo
Sipex Corporation
LP2950 SIPEX-LP2950 Datasheet
467Kb / 13P
100 mA Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
More results

Similar Description - LP2950

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
147Kb / 7P
100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931 Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
100mA Low -Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com