Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # LP2950
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2950 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  LP2950 Datasheet HTML 1Page - Advanced Monolithic Systems LP2950 Datasheet HTML 2Page - Advanced Monolithic Systems LP2950 Datasheet HTML 3Page - Advanced Monolithic Systems LP2950 Datasheet HTML 4Page - Advanced Monolithic Systems LP2950 Datasheet HTML 5Page - Advanced Monolithic Systems LP2950 Datasheet HTML 6Page - Advanced Monolithic Systems LP2950 Datasheet HTML 7Page - Advanced Monolithic Systems LP2950 Datasheet HTML 8Page - Advanced Monolithic Systems LP2950 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
LP2950/LP2951
Note 13: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 50mA load pulse at VIN =30V (1.25W pulse) for T =10 ms.
Note 14: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects
are covered under the specification for thermal regulation.
Note 15: Line regulation for the LP2951 is tested at 150
°C for I
L = 1 mA. For IL = 100 µA and TJ = 125°C, line regulation is guaranteed by design to 0.2%. See
typical performance characteristics for line regulation versus temperature and load current.
Note 16: All LP2950 devices have the nominal output voltage coded as the last two digits of the part number. In the LP2951 products, the 3.0V and 3.3V
versions are designated by the last two digits, but the 5V version is denoted with no code of the part number.
BLOCK DIAGRAM AND TYPICAL APPLICATIONS
LP2950-XX
LP2951-XX
INPUT
OUTPUT
GROUND
ERROR
AMPLIFIER
1.23V
REFERENCE
UNREGULATED DC
V
OUT
I
L≤ 100mA
SEE APPLICATION
HINTS
+
+
+
+
-
INPUT
OUTPUT
GROUND
ERROR
AMPLIFIER
1.23V
REFERENCE
UNREGULATED DC
V
OUT
I
L≤ 100mA
SEE APPLICATION
HINTS
+
+
+
+
-
FEED-
BACK
SHUT-
DOWN
SENSE
V
TAP
ERROR
TO CMOS
OR TTL
+
-
+
330k
Ω
4
5
6
2
1
8
7
3
FROM
CMOS
OR TTL
50mV
ERROR DETECTION COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com