Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 11 Page - Advanced Monolithic Systems

Part # LP2950
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2950 Datasheet(HTML) 11 Page - Advanced Monolithic Systems

Back Button LP2950 Datasheet HTML 6Page - Advanced Monolithic Systems LP2950 Datasheet HTML 7Page - Advanced Monolithic Systems LP2950 Datasheet HTML 8Page - Advanced Monolithic Systems LP2950 Datasheet HTML 9Page - Advanced Monolithic Systems LP2950 Datasheet HTML 10Page - Advanced Monolithic Systems LP2950 Datasheet HTML 11Page - Advanced Monolithic Systems LP2950 Datasheet HTML 12Page - Advanced Monolithic Systems LP2950 Datasheet HTML 13Page - Advanced Monolithic Systems LP2950 Datasheet HTML 14Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
TYPICAL APPLICATIONS (Continued)
Low Drift Current Source
5Volt Current Limiter
SHUTDOWN
INPUT
GND
FB
V
OUT
SD
7
4
3
8
1
V
IN
+V = 2
LP2951
LOAD
30V
I
L
R
1%
1
µF
0.1
µF
+
GND
V
OUT
+V
IN
5V BUS
LP2950 -5.0
*V
OUT≈ 5V
1
µF
*Minimum Input-Output voltage ranges from 40mV to 400mV, depending on
load current. Current limit is typically 160 mA
5V Regulator with 2.5V Sleep Function
Open Circuit Detector for 4 to 20mA Current Loop
ERROR
ERROR
OUPUT
SHUTDOWN
INPUT
GND
FB
V
OUT
SD
7
4
3
8
1
5
+V
IN
+V
IN
LP2951
C - MOS
GATE
200kΩ
100kΩ
100kΩ
3.3µF
470kΩ
47kΩ
*SLEEP
INPUT
1%
1%
100pF
2N3906
+V
OUT
+
GND
V
OUT
+V
IN
+5V
LP2951
*OUTPUT
0.1
µF
FB
4.7k
Ω
360
1N4001
1N457
4
8
1
4
MIN. VOLTAGE
≈ 4V
20mA
7
2
1
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com