Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS117TO39/XT Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS117TO39/XT
Description  Positive Adjustable Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS117TO39/XT Datasheet(HTML) 5 Page - Austin Semiconductor

  AS117TO39/XT Datasheet HTML 1Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 2Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 3Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 4Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 5Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 6Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 7Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 8Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
POS
POS
POS
POS
POS Adj
Adj
Adj
Adj
Adj V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
R
R
R
R
Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS117 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
5
AS117 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
Electrical Characteristics
DC PARAMETERS: (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vout
Output Voltage
Vin = 4.25V, Il = -5mA
1.2
1.3
V
1, 2,
3
Vin = 4.25V, Il = -500mA
1.2
1.3
V
1, 2,
3
Vin = 41.25V, Il = -5mA
1.2
1.3
V
1, 2,
3
Vin = 41.25V, Il = -50mA
1.2
1.3
V
1, 2,
3
Vrline
Line Regulation
4.25V < Vin < 41.25V, Il = -5mA
-9
9
mV
1
-23
23
mV
2, 3
Vrload
Load Regulation
Vin = 6.25V, -500mA < Il < -5mA
-12
12
mV
1, 2,
3
Vin = 41.25V, -50mA < Il < -5mA
-12
12
mV
1, 2,
3
Vrth
Thermal
Regulation
Vin = 14.6V, Il = -500mA
-12
12
mV
1
Iadj
Adjust Pin
Current
Vin = 4.25V, Il = -5mA
-100
-15
uA
1, 2,
3
Vin = 41.25V, Il = -5mA
-100
-15
uA
1, 2,
3
Delta
Iadj/Line
Adjust Pin
Current Change
4.25V < Vin < 41.25V, Il = -5mA
-5
5
uA
1, 2,
3
Delta
Iadj/Load
Adjust Pin
Current Change
Vin = 6.25V, -500mA < Il < -5mA
-5
5
uA
1, 2,
3
Iq
Minimum Load
Current
Vin = 4.25V, Forced Vout = 1.4V
-3
-0.5
mA
1, 2,
3
Vin = 14.25V, Forced Vout = 1.4V
-3
-0.5
mA
1, 2,
3
Vin = 41.25V, Forced Vout = 1.4V
-5
-1
mA
1, 2,
3
Ios
Output Short
Circuit Current
Vin = 4.25V
-1.8
-0.5
A
1, 2,
3
Vin = 40V
-0.5
-0.05
A
1, 2,
3
Vout
(Recov)
Output Voltage
Recovery
Vin = 4.25V, Rl = 2.5 Ohms, Cl = 20uF
1.2
1.3
V
1, 2,
3
Vin = 40V, Rl = 250 Ohms
1.2
1.3
V
1, 2,
3
Vout
Output Voltage
Recovery
Vin = 6.25V, Il = -5mA
2
1.2
1.3
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com