Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS117TO39/XT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS117TO39/XT
Description  Positive Adjustable Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS117TO39/XT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS117TO39/XT Datasheet HTML 1Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 2Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 3Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 4Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 5Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 6Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 7Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 8Page - Austin Semiconductor AS117TO39/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
POS
POS
POS
POS
POS Adj
Adj
Adj
Adj
Adj V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
R
R
R
R
Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS117 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
2
AS117 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
TYPICAL APPLICATIONS
Besides replacing fixed regulators, the AS117 is useful in a wide variety of other applications. Since the regulator is
“Floating” and sees only the input-to-output differential voltage, supplies of several hundred volts can be regulated as long
as the maximum input to output differential is not exceeded, (i.e., avoid short circuiting the output).
Also it makes an especially simple adjustable switching regulator, a programmable output regulator, or by connect-
ing a fixed resistor between the adjustment pin & the output pin, the AS117 can be used as a precision current regulator.
Supplies with electronic shutdown can be achieved by clamping the adjustment terminal to ground which programs the
output to 1.2V where most loads draw little current.
Normally no capacitors are needed unless the device is situated more than 6 inches from the input filter capacitors
in which case an input bypass is needed. An optional output capacitor can be added to improve transient response. The
adjustment terminal can be bypassed to achieve very high ripple rejection ratios which are difficult to achieve with standard
3-terminal regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com